Electronic Components Datasheet Search
  English  ▼

X  

JRGB1316LS Datasheet(PDF) 4 Page - STANLEY ELECTRIC CO.,LTD.

Part # JRGB1316LS
Description  PLCC-6 Type Tri-color
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

JRGB1316LS Datasheet(HTML) 4 Page - STANLEY ELECTRIC CO.,LTD.

  JRGB1316LS Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. JRGB1316LS Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. JRGB1316LS Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. JRGB1316LS Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. JRGB1316LS Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. JRGB1316LS Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. JRGB1316LS Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. JRGB1316LS Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. JRGB1316LS Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Electro-Optical Characteristics
Page 4
2009.3.23
PLCC-6 Type Tri-color
JRGB1316LS
(Ta=25℃)
Characteristics
Conditions
Blue
Green
Red
TYP.
3.07
3.2
2.35
MAX.
3.8
4.0
3.0
Reverse Current
VR=5V
IR
MAX.
100
100
100
μA
120
120
19
32
120
deg.
TYP.
TYP.
TYP.
470
525
nm
nm
625
Half Intensity Angle
λd
⊿λ
2θ1/2
Blue:IF=10mA
Green:IF=20mA
Red:IF=30mA
Blue:IF=10mA
Green:IF=20mA
Red:IF=30mA
Blue:IF=10mA
Green:IF=20mA
Red:IF=30mA
18
Item
Symbol
Unit
Forward Voltage
Blue:IF=10mA
Green:IF=20mA
Red:IF=30mA
VF
V
Dominant
Wavelength
Spectral Line Half
Width



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com