Electronic Components Datasheet Search
  English  ▼

X  

JRGB1316LS Datasheet(PDF) 5 Page - STANLEY ELECTRIC CO.,LTD.

Part # JRGB1316LS
Description  PLCC-6 Type Tri-color
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

JRGB1316LS Datasheet(HTML) 5 Page - STANLEY ELECTRIC CO.,LTD.

  JRGB1316LS Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. JRGB1316LS Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. JRGB1316LS Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. JRGB1316LS Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. JRGB1316LS Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. JRGB1316LS Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. JRGB1316LS Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. JRGB1316LS Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. JRGB1316LS Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Page 5
2009.3.23
PLCC-6 Type Tri-color
JRGB1316LS
(Ta=25℃)
Sorting Chart for Chromaticity Coordinates
Chromaticity Coordinates Tolerance Each Rank : +/-0.02
Rank
xy
x
y
xy
x
y
A
0.240
0.330
0.240
0.380
0.290
0.390
0.290
0.340
Blue
B
0.290
0.340
0.290
0.390
0.340
0.410
0.340
0.360
IF =10mA
C
0.340
0.360
0.340
0.410
0.390
0.420
0.390
0.370
Green
D
0.240
0.280
0.240
0.330
0.290
0.340
0.290
0.290
IF =20mA
E
0.290
0.290
0.290
0.340
0.340
0.360
0.340
0.310
Red
F
0.340
0.310
0.340
0.360
0.390
0.370
0.390
0.320
IF =30mA
G
0.240
0.230
0.240
0.280
0.290
0.290
0.290
0.240
H
0.290
0.240
0.290
0.290
0.340
0.310
0.340
0.260
J
0.340
0.260
0.340
0.310
0.390
0.320
0.390
0.270
Condtions
LEFT DOWN point
LEFT UP point
RIGHT UP point
RIGHT UP point
※
Please contact our sales staff concerning rank designation.
<White Sorting of Simultaneous RGB Lighting>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com