Electronic Components Datasheet Search
  English  ▼

X  

JRGB1316LS Datasheet(PDF) 3 Page - STANLEY ELECTRIC CO.,LTD.

Part # JRGB1316LS
Description  PLCC-6 Type Tri-color
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

JRGB1316LS Datasheet(HTML) 3 Page - STANLEY ELECTRIC CO.,LTD.

  JRGB1316LS Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. JRGB1316LS Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. JRGB1316LS Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. JRGB1316LS Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. JRGB1316LS Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. JRGB1316LS Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. JRGB1316LS Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. JRGB1316LS Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. JRGB1316LS Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Page 3
Absolute Maximum Ratings
2009.3.23
PLCC-6 Type Tri-color
JRGB1316LS
(Ta=25℃)
Blue
Green
Red
Pd
120
168
140
mW
Pd
mW
One Diode Lighted
IF
30
40
45
mA
All Diodes Lighted
IF
20
35
45
mA
One Diode Lighted
IFRM
150
150
150
mA
All Diodes Lighted
IFRM
120
120
120
mA
⊿ IF
0.8
1.0
1.0
mA/℃
⊿ IFRM
3.6
3.6
3.6
mA/℃
⊿ IF
0.6
1.0
1.0
mA/℃
⊿ IFRM
3.6
3.6
3.6
mA/℃
VR
555
V
Topr
℃
Tstg
℃
Operating Temperature
Storage Temperature
One Diode Lighted
All Diodes Lighted
Forward Current
Pulse Forward
Current
※ 2
Derating
(Ta=60℃ or higher)
Reverse Voltage
Unit
-40~ +85
-40~ +100
Absolute Maximum Ratings
Symbol
360
※ 1
Item
Power Dissipation
Total Value of Power Dissipation
※1 The maximum Power Dissipation at the time of Simultaneous RGB Lighting (White lighting)
※2 IFRM Measurement condition : Pulse Width≦1ms., Duty≦1/20.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com