Electronic Components Datasheet Search
  English  ▼

X  

MIC2169B Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC2169B
Description  500kHz PWM Synchronous Buck Control IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2169B Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC2169B Datasheet HTML 5Page - Micrel Semiconductor MIC2169B Datasheet HTML 6Page - Micrel Semiconductor MIC2169B Datasheet HTML 7Page - Micrel Semiconductor MIC2169B Datasheet HTML 8Page - Micrel Semiconductor MIC2169B Datasheet HTML 9Page - Micrel Semiconductor MIC2169B Datasheet HTML 10Page - Micrel Semiconductor MIC2169B Datasheet HTML 11Page - Micrel Semiconductor MIC2169B Datasheet HTML 12Page - Micrel Semiconductor MIC2169B Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Micrel, Inc.
MIC2169B
June 2009
9
M9999- 060309-A
(408) 944-0800
MOSFET, causing the output voltage to go up and
bringing VOUT back in regulation.
Soft-Start
The COMP/EN pin on the MIC2169B is used for the
following three functions:
1. Disables the part by grounding this pin
2. External compensation to stabilize the voltage
control loop
3. Soft-start
For better understanding of the soft-start feature,
assume VIN = 12V, and the MIC2169B is allowed to
power-up by un-grounding the COMP/EN pin. The
COMP pin has an internal 8.5µA current source that
charges the external compensation capacitor. As soon
as this voltage rises to 250mV (t = Cap_COMP ×
0.25V/8.5µA) and VIN crosses the 2.6V UVLO threshold,
the MIC2169B allows the internal VDD linear regulator to
power up, and the chip’s internal oscillator starts
switching. At this point in time, the COMP pin current
source increases to 40µA and an internal 11-bit counter
starts counting which takes approximately 2ms to
complete. During counting, the COMP voltage is
clamped at 0.65V. After this counting cycle the COMP
current source is reduced to 8.5µA and the COMP pin
voltage rises from 0.65V to 0.95V, the bottom edge of
the saw-tooth oscillator. This is the beginning of 0% duty
cycle and it increases slowly causing the output voltage
to rise slowly. The MIC2169B has one hysteretic
comparator whose output is asserted high when VOUT is
within -3% of steady state. When the output voltage
reaches 97% of programmed output voltage then the gm
error amplifier is enabled along with the hysteretic
comparator output is asserted high. This point onwards,
the voltage control loop (gm error amplifier) is fully in
control and will regulate the output voltage.
Soft-start time can be calculated approximately by
adding the following four time frames:
t1 = Cap_COMP × 0.25V/8.5µA
t2 = 12 bit counter, approx 2ms
t3 = Cap_COMP × 0.3V/8.5µA
µA
5
.
8
COMP
_
Cap
5
.
0
V
V
4
t
IN
OUT
×
×
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
=
Soft-Start Time(Cap_COMP=100nF) = t1 + t2
+ t3 + t4 = 2.9ms + 2ms + 3.5ms + 1.6ms =
10ms
Current Limit
The MIC2169B uses the RDS(ON) of the top power
MOSFET to measure output current. Since it uses the
drain to source resistance of the power MOSFET, it is
not very accurate. This scheme is adequate to protect
the power supply and external components during a fault
condition by cutting back the time the top MOSFET is on
if the feedback voltage is greater than 0.67V. In case of
a hard short when feedback voltage is less than 0.67V,
the MIC2169B discharges the COMP capacitor to 0.65V,
resets the digital counter and automatically shuts off the
top gate drive, the gm error amplifier is completely
disabled, the –3% hysteretic comparators is asserted
low, and the soft-start cycles restart from t2 to t4. This
mode of operation is called the “hiccup mode” and its
purpose is to protect the down stream load in case of a
hard short. The circuit in Figure 1 illustrates the
MIC2169B current limiting circuit.
L1 Inductor
VIN
VOUT
HSD
LSD
RCS
CS
VSW
200 A
C2
CIN
C1
COUT
Q1
MOSFET N
Q2
MOSFET N
0.1µF
1000pF
Figure 1. The MIC2169B Current Limiting Circuit
The current limiting resistor RCS is calculated by the
following equation:
µA
200
I
R
R
L
1
Q
)
ON
(
DS
CS
×
=
where:
2
Current
Ripple
Inductor
I
I
LOAD
L
+
=
Inductor Ripple Current =
()
L
F
V
V
V
V
S
IN
OUT
IN
OUT
×
×
−
×
FS = 500kHz
200µA is the internal sink current to program the
MIC2169B current limit.
The MOSFET RDS(ON) varies 30% to 40% with
temperature; therefore, it is recommended to add a 50%
margin to the load current (ILOAD) in the above equation
to avoid false current limiting due to increased MOSFET
junction temperature rise. It is also recommended to
connect RCS resistor directly to the drain of the top
MOSFET Q1, and the RSW resistor to the source of Q1 to
accurately sense the MOSFETs RDS(ON). To make the
MIC2169B insensitive to board layout and noise
generated by the switch node, a 1.4Ω resistor and a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com