Electronic Components Datasheet Search
  English  ▼

X  

MIC2169B Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC2169B
Description  500kHz PWM Synchronous Buck Control IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2169B Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC2169B Datasheet HTML 9Page - Micrel Semiconductor MIC2169B Datasheet HTML 10Page - Micrel Semiconductor MIC2169B Datasheet HTML 11Page - Micrel Semiconductor MIC2169B Datasheet HTML 12Page - Micrel Semiconductor MIC2169B Datasheet HTML 13Page - Micrel Semiconductor MIC2169B Datasheet HTML 14Page - Micrel Semiconductor MIC2169B Datasheet HTML 15Page - Micrel Semiconductor MIC2169B Datasheet HTML 16Page - Micrel Semiconductor MIC2169B Datasheet HTML 17Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Micrel, Inc.
MIC2169B
June 2009
13
M9999- 060309-A
(408) 944-0800
12
I
I
PP
C
)
rms
(
OUT
=
The power dissipated in the output capacitor is:
()
)
C
(
ESR
2
C
)
C
(
DISS
OUT
)
rms
(
OUT
OUT
R
I
P
×
=
Input Capacitor Selection
The input capacitor should be selected for ripple current
rating and voltage rating. Tantalum input capacitors may
fail when subjected to high inrush currents, caused by
turning the input supply on. A tantalum input capacitor’s
voltage rating should be at least 2 times the maximum
input
voltage
to
maximize
reliability.
Aluminum
electrolytic, OS-CON, and multilayer polymer film
capacitors can handle the higher inrush currents without
voltage derating. The input voltage ripple will primarily
depend on the input capacitor’s ESR. The peak input
current is equal to the peak inductor current, so:
)
C
(
ESR
)
peak
(
INDUCTOR
IN
IN
R
I
V
×
=
Δ
The input capacitor must be rated for the input current
ripple. The RMS value of input capacitor current is
determined at the maximum output current. Assuming
the peak-to-peak inductor ripple current is low:
(
)
D
1
D
I
I
(max)
OUT
C
)
rms
(
IN
−
×
×
≈
The power dissipated in the input capacitor is:
()
)
C
(
ESR
2
)
rms
(
CIN
)
C
(
DISS
IN
IN
R
I
P
×
=
Voltage Setting Components
The MIC2169B requires two resistors to set the output
voltage as shown in Figure 2.
Error
Amp
5
MIC2169B
FB
VREF
0.8V
R2
R1
Figure 2. Voltage-Divider Configuration
The output voltage is determined by the equation:
⎟
⎠
⎞
⎜
⎝
⎛ +
×
=
2
R
1
R
1
V
V
REF
O
where: VREF for the MIC2169B is typically 0.8V
A typical value of R1 can be between 3k
Ω and 10kΩ. If
R1 is too large, it may allow noise to be introduced into
the voltage feedback loop. If R1 is too small, in value, it
will decrease the efficiency of the power supply,
especially at light loads. Once R1 is selected, R2 can be
calculated using:
REF
O
REF
V
V
1
R
V
2
R
−
×
=
External Schottky Diode
An external freewheeling diode is used to keep the
inductor current flow continuous while both MOSFETs
are turned off. This dead time prevents current from
flowing unimpeded through both MOSFETs and is
typically 50ns. The diode conducts twice during each
switching cycle. Although the average current through
this diode is small, the diode must be able to handle the
peak current.
ID(avg) = IOUT × 2 × 50ns × fS
The reverse voltage requirement of the diode is:
VDIODE(rrm) = VIN
The power dissipated by the Schottky diode is:
PDIODE = ID(avg) × VF
where:
VF = forward voltage at the peak diode current
The external Schottky diode, D1, is not necessary for
circuit operation since the low-side MOSFET contains a
parasitic body diode. The external diode will improve
efficiency and decrease high frequency noise. If the
MOSFET body diode is used, it must be rated to handle
the peak and average current. The body diode has a
relatively slow reverse recovery time and a relatively
high forward voltage drop. The power lost in the diode is
proportional to the forward voltage drop of the diode. As
the high-side MOSFET starts to turn on, the body diode
becomes a short circuit for the reverse recovery period,
dissipating additional power. The diode recovery and the
circuit inductance will cause ringing during the high-side
MOSFET turn-on. An external Schottky diode conducts
at a lower forward voltage preventing the body diode in
the MOSFET from turning on. The lower forward voltage
drop dissipates less power than the body diode. The lack
of a reverse recovery mechanism in a Schottky diode
causes less ringing and less power loss. Depending on
the circuit components and operating conditions, an
external Schottky diode will give a
1/
2%
to 1%
improvement in efficiency.
Feedback Loop Compensation
The MIC2169B controller comes with an internal
transconductance error amplifier used for compensating
the voltage feedback loop by placing a capacitor (C1) in
series with a resistor (R1) and another capacitor C2 in
parallel from the COMP pin to ground. See “Functional



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com