Electronic Components Datasheet Search
  English  ▼

X  

MIC2169B Datasheet(PDF) 21 Page - Micrel Semiconductor

Part # MIC2169B
Description  500kHz PWM Synchronous Buck Control IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2169B Datasheet(HTML) 21 Page - Micrel Semiconductor

Back Button MIC2169B Datasheet HTML 16Page - Micrel Semiconductor MIC2169B Datasheet HTML 17Page - Micrel Semiconductor MIC2169B Datasheet HTML 18Page - Micrel Semiconductor MIC2169B Datasheet HTML 19Page - Micrel Semiconductor MIC2169B Datasheet HTML 20Page - Micrel Semiconductor MIC2169B Datasheet HTML 21Page - Micrel Semiconductor MIC2169B Datasheet HTML 22Page - Micrel Semiconductor MIC2169B Datasheet HTML 23Page - Micrel Semiconductor MIC2169B Datasheet HTML 24Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Micrel, Inc.
MIC2169B
June 2009
21
M9999- 060309-A
(408) 944-0800
Bill of Materials
Item
Part Number
Manufacturer
Description
Qty.
U1
MIC2169B-YMME
Micrel, Inc.
Buck controller
1
Q1, Q2
IRF7821-TR
SI4390DY
IR
Vishay
30V, N channel HEXFET , Power MOSFET
2
0
Q3
2N7002E
On Semiconductor
60V, N channel MOSFET
0
D1
SD103BWS
Vishay
30V, Schottky Diode
1
D2
1N5819HW
SL04
CMMSH1-40
Diodes Inc.
Vishay
Central Semi
40V, Schottky Diode
1
0
0
L1
CDRH127LDNP-1R0NC
HC5-1R0
SER1360-1R0
Sumida
Cooper Electronic
Coilcraft
1.0uH, 10A inductor
1
0
0
C1
C3225X7R1C106M
TDK
10uF/16V, X7R Ceramic cap.
1
C2, C3
TPSD686M020R0070
594D686X0020D2T
AVX
Vishay/Sprague
68uF, 20V Tantalum
2
0
C4
C2012X5R0J106M
TDK
10uF/6.3V, 0805 Ceramic cap.
1
C5, C10,
C12
VJ1206Y104KXXAT
Vishay Victramon
0.1uF/25V Ceramic cap.
3
C6, C7
TPSD337M006R0045
AVX
330uF, 6.3V, Tantalum
2
C8
Vishay/Sprague
Open
0
C9, C11
Vishay Dale
open
0
C13
C2012X7R1C105K
GRM21BR71C105KA01B.
VJ1206S105KXJAT
TDK
muRata
Vishay Victramon
1uF/16V, 0805 Ceramic cap.
1
0
0
C15
VJ0603A102KXXAT
Vishay Victramon
1000pF /25V, 0603 , NPO
1
C16
VJ0603Y104KXXAT
Vishay Victramon
0.1uF/25V Ceramic cap.
1
C17
open
1
R2
CRCW06034700JRT1
Vishay
470Ω, 0603, 1/16W, 5%.
1
R3
CRCW08051002FRT1
Vishay
10kΩ, 0805, 1/10W, 1%
1
R4
CRCW08053161FRT1
Vishay
3.16kΩ, 0805, 1/10W , 1%
1
R5
CRCW08054641FRT1
Vishay
4.64kΩ, 0805, 1/10W , 1%
1
R6
CRCW08051132FRT1
Vishay
11.3kΩ, 0805, 1/10W, 1%
1
R7
CRCW08051003FRT1
Vishay
100kΩ, 0805, 1/10W, 1%
R8
CRCW06034021FRT1
Vishay
4.02kΩ, 0603 ,1/16W, 1%
1
R9
CRCW120610R0FRT1
Vishay
10Ω, 1/8W, 1206, 1%
1
R10
CRCW12062R00FRT1
Vishay
2Ω, 1/8 W, 1206, 1%
1
R12
CRCW12061R40FRT1
Vishay
1.4Ω, 1/8 W, 1206, 1%
R14
Open
0
J1, J3,
J4, J5
2551-2-00-01-00-00-07-0
MilMax
Turret Pins
4
Notes:
1.
Micrel.Inc
408-944-0800
2.
Vishay corp
206-452-5664
3.
Diodes. Inc
805-446-4800



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com