| Electronic Components Datasheet Search |
|
MIC2826 Datasheet(PDF) 13 Page - Micrel Semiconductor |
|
|
|||||||||||||||||||||||||||||
MIC2826 Datasheet(HTML) 13 Page - Micrel Semiconductor |
|
13 / 27 page ![]() Micrel, Inc. MIC2826 July 2009 13 M9999-071609-A Functional Description – Power Control and Sequencing Two Types of Part: Sequence-Enabled and No- Sequence • Sequence-Enabled parts support automatic sequencing of the four supplies. Sequence-Enabled parts all have a default sequence (activated by asserting the EN pin). These parts also allow sequencing to be disabled. While very flexible, sequence-enabled parts require more care in operation. See the later section “Ensuring Clean Switching in Sequence-Enabled Parts”. • No-Sequence parts have no built-in sequencing capability. Their default startup turns on only one supply, which requires no sequencing. If the host needs more supplies to come on, this can be accomplished with I²C writes which allows a sequence activated by software to be performed. Power-up State When battery power is first applied to the MIC2826, all I²C registers are loaded with their default (POR) values. If EN is high, a default startup is executed; otherwise, the part remains in a quiescent state waiting to be started by EN or an I²C command. Enable Pin-Initiated Default Startup When EN is asserted, a default startup is executed. This is defined below: • The voltage registers are loaded with their default values. • In sequence-enabled parts, the Sequence Control bit is set to low (to allow sequencing to occur). No- sequence parts always have zero for the Sequence Control bit • The correct set of supply enable bits is loaded into the Enable Register, and the appropriate sequence is then executed. • The Power-On After Fault (POAF) bit is set to its default state, high. Turning on the Power Supplies After power is applied, the MIC2826 offers two methods of turning the four supply outputs on and off: 1. Default startup sequencing or shutdown via the EN pin; 2. Flexible startup sequencing or shutdown via the I²C interface Power-Up via the EN Pin The EN pin is transition sensitive and not level sensitive (with the exception of hot enable—please see the description below). If the EN pin is toggled low-to-high, the MIC2826 will execute the default startup sequence. During the startup sequence, the appropriate set of supply enables is loaded into the Enable Register. This allows the part to present a consistent interface to the I²C host; if the host reads the Enable Control register, it will see one or more enables on, which is consistent with one or more active supplies. Individual control of the supplies is now possible via the I²C interface. “Hot Enable” Startup Some systems may choose to tie the EN pin to DVIN, so that the MIC2826 registers an active EN pin as it completes power-on. This is perfectly legal and produces a default startup immediately after power is applied. Depending on the rise time of the input power being applied, the UVLO flag may be set. Power-Down via the EN Pin If the EN pin is toggled high-to-low, the MIC2826 will shut down all outputs simultaneously. For reasons similar to those above, at the conclusion of the shutdown sequence, all four individual supply enables will be clear in the Enable Control register and the bias will be switched off. If the MIC2826 startup is initiated by asserting EN and later shutdown is initiated by clearing the Enable Register bits, the part will be quiescent (with all bias currents disabled) but EN will still be high. In this case, de-asserting EN will have no effect, since the part has already completed its shutdown. Power-Up and Power-Down via the Enable Register The four individual power supply enable bits in the Enable Register (LDO3-EN, LDO2-EN, LDO1-EN, and DC-EN) may be used to enable and disable individual supplies. If the part is sequenced-enabled, and sequencing is permitted by the Sequence Control bit, enabled supplies are turned on in sequence. Any disabled outputs will not participate in the sequence and will be ignored. See also the “Ensuring Clean Switching in Sequence- Enabled Parts” section. Under no circumstances should the EN and I²C control be used simultaneously. The results would not be deterministic. If a supply output is enabled and its Voltage Control register is written with a new value, the output voltage changes immediately at the I²C acknowledge. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |