Electronic Components Datasheet Search
  English  ▼

X  

MIC2826 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2826
Description  Quad Output PMIC with HyperLight Load??DCDC, three LDOs, and I2C Control
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2826 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2826 Datasheet HTML 1Page - Micrel Semiconductor MIC2826 Datasheet HTML 2Page - Micrel Semiconductor MIC2826 Datasheet HTML 3Page - Micrel Semiconductor MIC2826 Datasheet HTML 4Page - Micrel Semiconductor MIC2826 Datasheet HTML 5Page - Micrel Semiconductor MIC2826 Datasheet HTML 6Page - Micrel Semiconductor MIC2826 Datasheet HTML 7Page - Micrel Semiconductor MIC2826 Datasheet HTML 8Page - Micrel Semiconductor MIC2826 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
Micrel, Inc.
MIC2826
July 2009
4
M9999-071609-A
Pin Configuration
14-Pin 2.5mm x 2.5mm Thin MLF
® (MT)
(Top View)
Pin Description
Pin Number
Pin Name
Pin Function
1
LDO1OUT
Output of LDO1: Requires a minimum 1µF ceramic capacitor-to-AGND.
2
LDO2OUT
Output of LDO2: Requires a minimum 1µF ceramic capacitor-to-AGND.
3
LDO23IN
External Input Supply Rail to LDO2 and LDO3. Requires a minimum 1µF ceramic
capacitor to AGND.
4
LDO3OUT
Output of LDO3: Connect a minimum 1µF ceramic capacitor to AGND.
5
IRQb
Fault Output (open drain).
6
SW
Switch (Output): Internal power MOSFET output switches.
7
DGND
Switch Ground Pin.
8
DVIN
Input Voltage: Requires a close minimum 2.2µF ceramic capacitor to DGND.
9
SDA
Fast-mode 400kHz I²C Data Input/Output pin.
10
SCL
Fast-mode 400kHz I²C Clock Input pin.
11
FB
Feedback Pin Connected to VOUT to sense output voltage.
12
AGND
Analog Ground. Must be connected externally to DGND.
13
EN
Enable (Input): Executes default startup sequence. Active High. HIGH = ON,
LOW = OFF. Do not leave floating. The EN pin function is optional if I
2C control
is used for startup and shutdown.
14
LDO1IN
External Input Supply Rail to LDO1. Requires a minimum 1µF ceramic capacitor
to AGND.
EP
HS PAD
Exposed Heat-Sink Pad.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com