Electronic Components Datasheet Search
  English  ▼

X  

MIC2826 Datasheet(PDF) 21 Page - Micrel Semiconductor

Part # MIC2826
Description  Quad Output PMIC with HyperLight Load??DCDC, three LDOs, and I2C Control
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2826 Datasheet(HTML) 21 Page - Micrel Semiconductor

Back Button MIC2826 Datasheet HTML 17Page - Micrel Semiconductor MIC2826 Datasheet HTML 18Page - Micrel Semiconductor MIC2826 Datasheet HTML 19Page - Micrel Semiconductor MIC2826 Datasheet HTML 20Page - Micrel Semiconductor MIC2826 Datasheet HTML 21Page - Micrel Semiconductor MIC2826 Datasheet HTML 22Page - Micrel Semiconductor MIC2826 Datasheet HTML 23Page - Micrel Semiconductor MIC2826 Datasheet HTML 24Page - Micrel Semiconductor MIC2826 Datasheet HTML 25Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
Micrel, Inc.
MIC2826
July 2009
21
M9999-071609-A
LDO1, LDO2, LDO3 Voltage Control Registers Table
LDO1 Regulator Voltage Control Register Address: 03h
LDO2 Regulator Voltage Control Register Address: 04h
LDO3 Regulator Voltage Control Register Address: 05h
Step Size
Register Value
Output Voltage
Step Size
Register Value
Output Voltage
00h
0.800
BAh
2.400
0Bh
0.850
BDh
2.450
14h
0.900
C1h
2.500
1Dh
0.950
C4h
2.550
25h
1.000
C7h
2.600
2Eh
1.050
C9h
2.650
37h
1.100
CCh
2.700
3Eh
1.150
CEh
2.750
45h
1.200
D1h
2.800
4Ch
1.250
D3h
2.850
52h
1.300
D6h
2.900
57h
1.350
D8h
2.950
5Ch
1.400
DAh
3.000
61h
1.450
DCh
3.050
65h
1.500
DEh
3.100
69h
1.550
E1h
3.150
6Dh
1.600
E3h
3.200
72h
1.650
E6h
3.250
79h
1.700
E8h
3.300
7Fh
1.750
85h
1.800
8Bh
1.850
91h
1.900
96h
1.950
9Ah
2.000
9Fh
2.050
A4h
2.100
A8h
2.150
ACh
2.200
B0h
2.250
B4h
2.300
50mV
B7h
2.350
50mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com