Electronic Components Datasheet Search
  English  ▼

X  

SY88232AL Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY88232AL
Description  2.5Gbps Laser Diode Driver with Integrated Limiting Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88232AL Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY88232AL Datasheet HTML 1Page - Micrel Semiconductor SY88232AL Datasheet HTML 2Page - Micrel Semiconductor SY88232AL Datasheet HTML 3Page - Micrel Semiconductor SY88232AL Datasheet HTML 4Page - Micrel Semiconductor SY88232AL Datasheet HTML 5Page - Micrel Semiconductor SY88232AL Datasheet HTML 6Page - Micrel Semiconductor SY88232AL Datasheet HTML 7Page - Micrel Semiconductor SY88232AL Datasheet HTML 8Page - Micrel Semiconductor SY88232AL Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
SY88232L/AL
2.5Gbps Laser Diode Driver with Integrated
Limiting Amplifier
MLF and MicroLeadFrame are registered trademarks of Amkor Technology
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
June 2009
M9999-063009-A
hbwhelp@micrel.com or (408) 955-1690
General Description
The SY88232L is a single supply 3.3V integrated laser
driver and post amplifier for telecom/datacom applications
with data rates from 155Mbps up to 2.5Gbps. The driver
can deliver modulation current up to 85mA, and provides a
high compliance voltage that makes it suitable for high-
current operation with the laser DC-coupled to it. The post
amplifier can detect signals with amplitude as low as
5mVPP.
The SY88232AL is a version of the SY88232L without 50Ω
termination resistors at the inputs of the driver and the post
amplifier. The SY88232AL is to be used specially in SFF
modules mounted on mother boards which have
preinstalled terminations. Removing post amplifier input
terminations will allow for receiver gain control.
All support documentation can be found on Micrel’s web
site at: www.micrel.com.
Features
∑ 2.4V minimum laser compliance voltage
∑ Operation up to 2.5Gbps
∑ Integrated APC circuit
∑ Modulation current up to 85mA
∑ Bias current up to 70mA
∑ Bias, Modulation, and power monitoring
∑ High input sensitivity post amplifier, 5mVPP
∑ Programmable LOS level
∑ Available in 32-pin (5mm x 5mm) MLF
® package
Applications
∑ Multi-rate burst mode applications: A-PON, B-PON,
G-PON, E-PON, GE-PON
___________________________________________________________________________________________________________
Typical Application


Similar Part No. - SY88232AL

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88232ALMG MICREL-SY88232ALMG Datasheet
701Kb / 18P
2.5Gbps Laser Diode Driver with Integrated
SY88232ALMGTR MICREL-SY88232ALMGTR Datasheet
701Kb / 18P
2.5Gbps Laser Diode Driver with Integrated
More results

Similar Description - SY88232AL

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CXB1828ER SAMSUNG-CXB1828ER Datasheet
254Kb / 20P
2.5Gbps Laser Diode Driver
logo
Micrel Semiconductor
SY88212L MICREL-SY88212L Datasheet
456Kb / 10P
3.3V, 2.5Gbps Laser Diode Driver with Integrated Bias and APC
logo
Sony Corporation
CXB1828ER SONY-CXB1828ER Datasheet
258Kb / 20P
2.5Gbps Laser Diode Driver
logo
Micrel Semiconductor
SY88236L MICREL-SY88236L Datasheet
1Mb / 19P
2.5Gbps Burst Mode Laser Driver with Integrated Limiting Amplifier
SY88922 MICREL-SY88922_11 Datasheet
485Kb / 6P
SDH/SONET 2.5Gbps LASER DIODE DRIVER
SY88232L MICREL-SY88232L_10 Datasheet
701Kb / 18P
2.5Gbps Laser Diode Driver with Integrated
SY88212L MICREL-SY88212L_10 Datasheet
414Kb / 10P
3.3V, 2.5Gbps Laser Diode Driver
logo
Maxim Integrated Produc...
MAX3710 MAXIM-MAX3710 Datasheet
3Mb / 58P
125Mbps to 2.5Gbps Integrated Limiting Amplifier/Burst Mode Laser Driver with Dual-Loop Power Control
Rev 0; 8/11
logo
M/A-COM Technology Solu...
02090-BRF-001-A MA-COM-02090-BRF-001-A Datasheet
493Kb / 2P
3.3V Burst-Mode Laser Driver and Integrated Limiting Amplifier with
logo
Taiwan Memory Technolog...
I7511N TMT-I7511N Datasheet
21Kb / 1P
1.25Gbps FTTX Laser Diode Driver/Limiting Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com