Electronic Components Datasheet Search
  English  ▼

X  

SY88232AL Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY88232AL
Description  2.5Gbps Laser Diode Driver with Integrated Limiting Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88232AL Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY88232AL Datasheet HTML 1Page - Micrel Semiconductor SY88232AL Datasheet HTML 2Page - Micrel Semiconductor SY88232AL Datasheet HTML 3Page - Micrel Semiconductor SY88232AL Datasheet HTML 4Page - Micrel Semiconductor SY88232AL Datasheet HTML 5Page - Micrel Semiconductor SY88232AL Datasheet HTML 6Page - Micrel Semiconductor SY88232AL Datasheet HTML 7Page - Micrel Semiconductor SY88232AL Datasheet HTML 8Page - Micrel Semiconductor SY88232AL Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Micrel, Inc.
SY88232L/AL
June 2009
3
M9999-063009-A
hbwhelp@micrel.com or (408) 955-1690
Pin Configuration
32-Pin MLF
® (MLF-32)
Pin Description
Pin Number
Pin Name
Pin Function
1
LOS/SD_SEL
LOS or SD selection, TTL input. Set high, connect to VCC, or leave open to select LOS. Set low
or connect to GND to select SD.
2
LOSLVL
Loss-of-Signal Level Set. A resistor from this pin to VCC sets the threshold for the data input
amplitude at which LOS will be asserted.
3
LOS/SD
Loss-of-Signal (LOS selected): asserts high when the data input amplitude falls below the
threshold set by LOSLVL.
Signal Detect (SD selected): asserts low when the data input amplitude falls below the threshold
set by LOSLVL.
4
JAM
Active low TTL/CMOS. Internally pulled-up with 75kΩ. Connect to GND or apply a low level
signal (<0.8 V) to enable the post amp output. Can be shorted to LOS/SD (pin 3) to create a
squelch function. The polarity of this input follows the polarity of LOS/SD.
SY88232L: Driver Non-inverting input data. Internally terminated with 50Ω to a reference
voltage.
6
DIN+
SY88232AL: Driver Non-inverting input data. No internal termination.
SY88232L: Driver inverting input data. Internally terminated with 50Ω to a reference voltage.
7
DIN-
SY88232AL: Driver inverting input data. No internal termination.
9
/TXDIS
Transmitter Complementary Fast Disable. TTL input. The transmitter is enabled when this pin is
asserted High or left open and disabled when this pin is asserted Low. A 6.3kΩ resistor must be
installed between pin 10 and GND if /TXDIS is used as TTL input.
10
TXDIS
Transmitter Fast Disable. TTL Input. The transmitter is enabled when this pin is asserted Low
and disabled when this pin is asserted High or left open. A 6.3kΩ resistor must be installed
between pins 9 and GND if TXDIS is used as TTL input.
11
/TXEN
Active low TTL/CMOS. Internally pulled-up. Pull-down with a 22kΩ or lower resistance or apply
a low level signal (<0.8V) to enable bias and modulation. Keep floating or apply a high level
(>2V) to disable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com