Electronic Components Datasheet Search
  English  ▼

X  

SY88232AL Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY88232AL
Description  2.5Gbps Laser Diode Driver with Integrated Limiting Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88232AL Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY88232AL Datasheet HTML 1Page - Micrel Semiconductor SY88232AL Datasheet HTML 2Page - Micrel Semiconductor SY88232AL Datasheet HTML 3Page - Micrel Semiconductor SY88232AL Datasheet HTML 4Page - Micrel Semiconductor SY88232AL Datasheet HTML 5Page - Micrel Semiconductor SY88232AL Datasheet HTML 6Page - Micrel Semiconductor SY88232AL Datasheet HTML 7Page - Micrel Semiconductor SY88232AL Datasheet HTML 8Page - Micrel Semiconductor SY88232AL Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Micrel, Inc.
SY88232L/AL
June 2009
2
M9999-063009-A
hbwhelp@micrel.com or (408) 955-1690
Ordering Information(1)
Part Number
Voltage
Temperature
Range
Package
Type
Package Marking
Lead
Finish
SY88232LMG
3.3V
–40° to +85°C
MLF-32
SY88232L with
Pb-Free bar-line indicator
NiPdAu
Pb-Free
SY88232LMGTR
(2)
3.3V
–40° to +85°C
MLF-32
SY88232L with
Pb-Free bar-line indicator
NiPdAu
Pb-Free
SY88232ALMG
3.3V
–40° to +85°C
MLF-32
SY88232A with
Pb-Free bar-line indicator
NiPdAu
Pb-Free
SY88232ALMGTR
(2)
3.3V
–40° to +85°C
MLF-32
SY88232A with
Pb-Free bar-line indicator
NiPdAu
Pb-Free
Notes:
1. Contact factory for die availability. Dice are guaranteed at TA = +25°C, DC Electricals only.
2. Tape and Reel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com