Electronic Components Datasheet Search
  English  ▼

X  

AWU6604 Datasheet(PDF) 3 Page - ANADIGICS, Inc

Part # AWU6604
Description  HELP3TM Band 4 & 9 WCDMA 3.4 V / 28.25 dBm Linear PA Module
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWU6604 Datasheet(HTML) 3 Page - ANADIGICS, Inc

  AWU6604 Datasheet HTML 1Page - ANADIGICS, Inc AWU6604 Datasheet HTML 2Page - ANADIGICS, Inc AWU6604 Datasheet HTML 3Page - ANADIGICS, Inc AWU6604 Datasheet HTML 4Page - ANADIGICS, Inc AWU6604 Datasheet HTML 5Page - ANADIGICS, Inc AWU6604 Datasheet HTML 6Page - ANADIGICS, Inc AWU6604 Datasheet HTML 7Page - ANADIGICS, Inc AWU6604 Datasheet HTML 8Page - ANADIGICS, Inc AWU6604 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Data Sheet - Rev 2.0
10/2009
AWU6604
3
ELECTRICAL CHARACTERISTICS
Table 2: Absolute Minimum and Maximum Ratings
Stresses in excess of the absolute ratings may cause permanent damage.
Functional operation is not implied under these conditions. Exposure
to absolute ratings for extended periods of time may adversely affect
reliability.
Table 3: Operating Ranges
The device may be operated safely over these conditions; however, parametric performance is guaranteed only
overtheconditionsdefinedintheelectricalspecifications.
Notes:
(1) For operation at Vcc = +3.2 V, Pout is derated by 0.5 dB.
PARAMETER
MIN
MAX
UNIT
SupplyVoltage(VCC)
0
+5
V
BatteryVoltage(VBATT)
0
+6
V
ControlVoltages(VMODE1,VENABLE)
0
+3.5
V
RFInputPower(PIN)
-
+10
dBm
StorageTemperature(TSTG)
-40
+150
°C
PARAMETER
MIN
TYP
MAX
UNIT
COMMENTS
OperatingFrequency(f)
1710
-
1785
MHz
SupplyVoltage(VCC)
+3.2
+3.4
+4.2
V
POUT < +28.25 dBm
EnableVoltage(VENABLE)
+2.15
0
+2.4
0
+3.1
+0.5
V
PA "on"
PA "shut down"
ModeControlVoltage(VMODE1)
+2.15
0
+2.4
0
+3.1
+0.5
V
Low Bias Mode
High Bias Mode
RFOutputPower(POUT)
R99WCDMA,HPM
HSPA(MPR=0),HPM
R99WCDMA,LPM
HSPA(MPR=0),LPM
27.75(1)
26.75(1)
15.5(1)
14.5(1)
28.25
27.25
16
15
28.25
27.25
16
15
dBm
3GPPTS34.121-1,Rel8
Table C.11.1.3
CaseTemperature(TC)
-30
-
+90
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com