Electronic Components Datasheet Search
  English  ▼

X  

AWU6604 Datasheet(PDF) 1 Page - ANADIGICS, Inc

Part # AWU6604
Description  HELP3TM Band 4 & 9 WCDMA 3.4 V / 28.25 dBm Linear PA Module
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWU6604 Datasheet(HTML) 1 Page - ANADIGICS, Inc

  AWU6604 Datasheet HTML 1Page - ANADIGICS, Inc AWU6604 Datasheet HTML 2Page - ANADIGICS, Inc AWU6604 Datasheet HTML 3Page - ANADIGICS, Inc AWU6604 Datasheet HTML 4Page - ANADIGICS, Inc AWU6604 Datasheet HTML 5Page - ANADIGICS, Inc AWU6604 Datasheet HTML 6Page - ANADIGICS, Inc AWU6604 Datasheet HTML 7Page - ANADIGICS, Inc AWU6604 Datasheet HTML 8Page - ANADIGICS, Inc AWU6604 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
10/2009
AWU6604
HELP3TM Band 4 & 9 WCDMA
3.4 V / 28.25 dBm Linear PA Module
Data Sheet - Rev 2.0
M45 Package
10 Pin 3 mm x 3 mm x 1 mm
Surface Mount Module
Figure 1: Block Diagram
FEATURES
• HSPA Compliant
• InGaP HBT Technology
• Low Quiescent Current with only 2 Bias Modes
• Simpler Calibration
• HighEfficiency:(R99waveform)
39 % @ POUT = +28.25 dBm
21 % @ POUT = +16 dBm
• LowQuiescentCurrent:9.0mA
• LowLeakageCurrentinShutdownMode:<1µA
• InternalVoltageRegulator
• Integrated “daisy chainable” directional couplers
with CPLIN and CPLOUT Ports
• Optimizedfora50Ω System
• LowProfileMiniatureSurfaceMountPackage
• RoHSCompliantPackage,260oC MSL-3
APPLICATIONS
• WCDMA/HSPAAWS/UMTS1700-BandWireless
HandsetsandDataDevices
PRODUCT DESCRIPTION
TheAWU6604 HELP3TM PA is a 3rd generation
WCDMA product for UMTS handsets. This PA
incorporates ANADIGICS’ HELP3TM technology to
provide low power consumption without the need
foranexternalvoltageregulator.A“daisychainable”
directional coupler is integrated in the module thus
eliminating the need of external couplers. The
deviceismanufacturedonanadvancedInGaPHBT
MMIC technology offering state-of-the-art reliability,
temperaturestability,andruggedness.Therearetwo
selectable bias modes that optimize efficiency for
differentoutputpowerlevels,andashutdownmode
withlowleakagecurrent,whichincreaseshandsettalk
and standby time. The self-contained 3 mm x 3 mm x
1 mm surface mount package incorporates matching
networksoptimizedforoutputpower,efficiency,and
linearityina50Ω system.
AWU6604
1
2
3
4
5
10
9
8
7
6
VBATT
RFIN
VMODE2 (N/C)
VMODE1
VEN
CPLOUT
GND
CPLIN
RFOUT
VCC
Bias Control
VoltageRegulation
CPL
GNDatSlug(pad)


Similar Part No. - AWU6604

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWU6601 ANADIGICS-AWU6601 Datasheet
622Kb / 14P
HELP3TM Band 1 / WCDMA / TD-SCDMA 3.4 V / 28.25 dBm Linear PA Module
Rev 2.0
AWU6601RM45P9 ANADIGICS-AWU6601RM45P9 Datasheet
622Kb / 14P
HELP3TM Band 1 / WCDMA / TD-SCDMA 3.4 V / 28.25 dBm Linear PA Module
Rev 2.0
AWU6601RM45Q7 ANADIGICS-AWU6601RM45Q7 Datasheet
622Kb / 14P
HELP3TM Band 1 / WCDMA / TD-SCDMA 3.4 V / 28.25 dBm Linear PA Module
Rev 2.0
AWU6602 ANADIGICS-AWU6602 Datasheet
565Kb / 13P
HELP3TM Band 2 / WCDMA 3.4 V / 29 dBm Linear PA Module
Rev 2.0
AWU6602RM45P9 ANADIGICS-AWU6602RM45P9 Datasheet
565Kb / 13P
HELP3TM Band 2 / WCDMA 3.4 V / 29 dBm Linear PA Module
Rev 2.0
More results

Similar Description - AWU6604

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6278 ANADIGICS-AWT6278 Datasheet
417Kb / 8P
HELP3TM PCS/WCDMA 3.4 V/29.5 dBm HSPA Linear Power Amplifier Module
11/2008
AWT6279 ANADIGICS-AWT6279 Datasheet
415Kb / 8P
HELP3TM IMT/WCDMA 3.4 V/28.5 dBm HSPA Linear Power Amplifier Module
11/2008
AWT6281 ANADIGICS-AWT6281 Datasheet
439Kb / 8P
HELP3TM 900 MHz/WCDMA 3.4 V/29 dBm HSPA Linear Power Amplifier Module
11/2008
AWT6282 ANADIGICS-AWT6282 Datasheet
421Kb / 8P
HELP3TM 1700/WCDMA 3.4 V/28.5 dBm HSPA Linear Power Amplifier Module
11/2008
AWT6272 ANADIGICS-AWT6272 Datasheet
441Kb / 8P
HELPTM Cellular/WCDMA 3.4 V/29 dBm Linear Power Amplifier Module
Rev 2.1
AWT6273 ANADIGICS-AWT6273 Datasheet
420Kb / 8P
HELP3TM Cellular/WCDMA 3.4 V/29 dBm Linear Power Amplifier Module
AWU6601 ANADIGICS-AWU6601 Datasheet
622Kb / 14P
HELP3TM Band 1 / WCDMA / TD-SCDMA 3.4 V / 28.25 dBm Linear PA Module
Rev 2.0
AWU6602 ANADIGICS-AWU6602 Datasheet
565Kb / 13P
HELP3TM Band 2 / WCDMA 3.4 V / 29 dBm Linear PA Module
Rev 2.0
AWU6605 ANADIGICS-AWU6605 Datasheet
568Kb / 13P
HELP3TM Band 5 / WCDMA 3.4 V / 28.5 dBm Linear PA Module
AWU6608 ANADIGICS-AWU6608 Datasheet
567Kb / 13P
HELP3TM Band 8 / WCDMA 3.4 V / 28.5 dBm Linear PA Module
Rev 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com