Electronic Components Datasheet Search
  English  ▼

X  

AWU6604 Datasheet(PDF) 9 Page - ANADIGICS, Inc

Part # AWU6604
Description  HELP3TM Band 4 & 9 WCDMA 3.4 V / 28.25 dBm Linear PA Module
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWU6604 Datasheet(HTML) 9 Page - ANADIGICS, Inc

Back Button AWU6604 Datasheet HTML 5Page - ANADIGICS, Inc AWU6604 Datasheet HTML 6Page - ANADIGICS, Inc AWU6604 Datasheet HTML 7Page - ANADIGICS, Inc AWU6604 Datasheet HTML 8Page - ANADIGICS, Inc AWU6604 Datasheet HTML 9Page - ANADIGICS, Inc AWU6604 Datasheet HTML 10Page - ANADIGICS, Inc AWU6604 Datasheet HTML 11Page - ANADIGICS, Inc AWU6604 Datasheet HTML 12Page - ANADIGICS, Inc AWU6604 Datasheet HTML 13Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Data Sheet - Rev 2.0
10/2009
AWU6604
9
33.7 mA Average Current over DG09 Profile
0.000
0.010
0.020
0.030
0.040
0.050
0.060
0.070
0.080
0.090
0.100
0.110
0.120
0.130
0.140
0.150
-60
-50
-40
-30
-20
-10
0
10
20
30
Antenna Power (dBm)
0
50
100
150
200
250
300
350
400
450
500
DG09 PDF
AWU6604 (mA)
Figure 15: PDF and Current
Figure 16: Typical Application Circuit
HELP3
TheAWU6604poweramplifiermoduleisbasedon
ANADIGICS proprietary HELP3™ technology. The
PA is designed to operate up to 17 dBm in the low
powermode,thuseliminatingtheneedforthreegain
state, while still maintaining low quiescent current
andhighefficiencyinlowandmediumpowerlevels.
ThePAcanstillbeoperatedas3gainstatedevice
if the customer chooses to. The directional “daisy
chainable”couplerisintegratedwithinthePAmodule,
therefore there is no need for external couplers.
TheAWU6604 has an integrated voltage regulator,
which eliminates the need for an external constant
voltage source. The PA is turn on/off is controlled
by VEN pin. A single VMODE control logic (VMODE1) is
neededtooperatethisdevice.
The DG09 power distribution (figure 15) highlights
theneedtoimprovethecurrentconsumptioninlow
andmediumpowerlevel.TheAWU6604isdesigned
to operate up to 17 dBm in the low power mode with
verylowquiescentcurrent.Currentconsumptionfor
AWU6604isalsoplottedinthefigure5.
AWU6604 requires only two calibration sweeps for
systemcalibration,thussavingcalibrationtime.
Figure16showsoneapplicationexampleonmobile
board.C1andC2areRFbypasscapsandshould
be placed nearby pin 1 and pin 10. Bypass caps
C9 and C5 may not be needed. Also a “T” matching
topology is recommended at PA RFIN and RFOUT
portstoprovidematchingbetweeninputTXFilterand
Duplexer / Isolator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com