Electronic Components Datasheet Search
  English  ▼

X  

AD9122BCPZ Datasheet(PDF) 39 Page - Analog Devices

Part # AD9122BCPZ
Description  Dual, 16-Bit, 1200 MSPS, TxDAC짰 Digital-to-Analog Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9122BCPZ Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9122BCPZ Datasheet HTML 35Page - Analog Devices AD9122BCPZ Datasheet HTML 36Page - Analog Devices AD9122BCPZ Datasheet HTML 37Page - Analog Devices AD9122BCPZ Datasheet HTML 38Page - Analog Devices AD9122BCPZ Datasheet HTML 39Page - Analog Devices AD9122BCPZ Datasheet HTML 40Page - Analog Devices AD9122BCPZ Datasheet HTML 41Page - Analog Devices AD9122BCPZ Datasheet HTML 42Page - Analog Devices AD9122BCPZ Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
AD9122
Rev. 0 | Page 39 of 56
DATAPATH CONFIGURATION EXAMPLE
8× Interpolation Without NCO
Given the following:
fDATA = 100 MSPS
8× interpolation
fBW = 75 MHz
fCENTER = 100 MHz
The desired 75 MHz of bandwidth is 75% of fDATA. In this case,
the ratio of fOUT/fDATA = 100/100 = 1.0. From Figure 57, the band-
width supported at fDATA is 0.8, which verifies that the AD9122
supports the bandwidth required in this configuration.
The signal center frequency is fDATA, and assuming the input signal
is at baseband, the frequency shift required is also fDATA. Choosing
the third row (highlighted by the superscripted number two) of the
IF column from Table 20 selects filter modes that give a center
frequency of fDATA and a frequency translation of fDATA. The selected
modes for the three half-band filters are: HB1, Mode 2; HB2,
Mode 2; and HB3, Mode 1. Figure 58 shows how the signal
propagates through the interpolation filters.
Because 2 × fIN1 = fIN2 and 2 × fIN2 = fIN3, the signal appears
frequency scaled by ½ into each consecutive stage. The output
signal band spans 0.15 to 0.35 of fIN3 (400 MHz). Therefore,
the output frequency supported is 60 MHz to 140 MHz, which
covers the 75 MHz bandwidth centered at 100 MHz, as desired.
4× Interpolation With NCO
Given the following:
fDATA = 250 MSPS
4× interpolation
fBW = 140 MHz
fCENTER = 175 MHz
The desired 140 MHz of bandwidth is 56% of fDATA. As shown
in Figure 56, the value at 0.7 × fDATA is 0.6. This is calculated as
0.8 − 2(0.7 − 0.6) = 0.6. This verifies that the AD9122 supports
a bandwidth of 60% of fDATA, which exceeds the required 56%.
The signal center frequency is 0.7 × fDATA, and assuming the
input signal is at baseband, the frequency shift required is also
0.7 × fDATA. Choosing the second row in the IF column in the
4× interpolation section in Table 20 selects the filter modes that
give a center frequency of fDATA/2 and no frequency translation.
The selected modes for the three half-band filters are HB1,
Mode 1; HB2, Mode 1; and HB3, bypassed.
Because Mode 1 of HB1 was selected, the premodulation block
should be enabled. This provides fDATA/2 modulation, which
centers the baseband input data at the center frequency of HB1.
The digital modulator can be used to provide the final frequency
translation of 0.2 × fDATA to place the output signal at 0.7 × fDATA,
as desired.
The formula for calculating the FTW of the NCO is:
32
2
×
=
NCO
CARRIER
f
f
FTW
where:
fCARRIER = 0.2 × fDATA.
fNCO = 2 × fDATA. Therefore, FTW = 232/10.
0
1
2
3
0
–0.5
0.5
HB1
0.1
0.4
0.6
1.5
2.0
×
fIN1
1.0
0
–0.5
0.5
HB3
0.2
–0.2
0.3
0.7
0.15
0.35
1.5
2.0
×
fIN3
1.0
0
7
5
3
4
0
6
2
1
–0.5
0.5
HB2
0.25
0.75
0.3
0.7
1.25
1.75
1.5
2.0
×
fIN2
1.0
0
7
5
3
6
4
0
1
2
Figure 58. Signal Propagation for 8× Interpolation (fDATA Modulation)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com