Electronic Components Datasheet Search
  English  ▼

X  

AD9122BCPZ Datasheet(PDF) 43 Page - Analog Devices

Part # AD9122BCPZ
Description  Dual, 16-Bit, 1200 MSPS, TxDAC짰 Digital-to-Analog Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9122BCPZ Datasheet(HTML) 43 Page - Analog Devices

Back Button AD9122BCPZ Datasheet HTML 39Page - Analog Devices AD9122BCPZ Datasheet HTML 40Page - Analog Devices AD9122BCPZ Datasheet HTML 41Page - Analog Devices AD9122BCPZ Datasheet HTML 42Page - Analog Devices AD9122BCPZ Datasheet HTML 43Page - Analog Devices AD9122BCPZ Datasheet HTML 44Page - Analog Devices AD9122BCPZ Datasheet HTML 45Page - Analog Devices AD9122BCPZ Datasheet HTML 46Page - Analog Devices AD9122BCPZ Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 56 page
background image
AD9122
Rev. 0 | Page 43 of 56
PLL Settings
There are three settings for the PLL circuitry that should be
programmed to their nominal values. The PLL values shown in
Table 23 are the recommended settings for these parameters.
Table 23. PLL Settings
PLL SPI Control
Address
Register
Bit
Optimal
Setting
PLL Loop Bandwidth[1:0]
0x0C
[7:6]
11
PLL Charge Pump Current[4:0]
0x0C
[4:0]
00001
PLL Cross Control Enable
0x0D
[4]
1
Configuring the VCO Tuning Band
The PLL VCO has a valid operating range from approximately
1.0 GHz to 2.1 GHz covered in 63 overlapping frequency bands.
For any desired VCO output frequency, there may be several
valid PLL band select values. The frequency bands of a typical
device are shown in Figure 63. Device-to-device variations and
operating temperature affect the actual band frequency range.
Therefore, it is required that the optimal PLL band select value
be determined for each individual device.
Automatic VCO Band Select
The device has an automatic VCO band select feature on chip.
Using the automatic VCO band select feature is a simple and
reliable method of configuring the VCO frequency band. This
feature is enabled by writing 0x80 to Register 0x0A. When this
value is written, the device executes an automated routine that
determines the optimal VCO band setting for the device. The
setting selected by the device ensures that the PLL remains
locked over the full −40°C to +85°C operating temperature
range of the device without further adjustment. (The PLL
remains locked over the full temperature range even if the
temperature during initialization is at one of the temperature
extremes.)
0
4
8
12
16
20
24
28
32
36
40
44
48
52
56
60
1000
2200
2000
1800
1600
1400
1200
VCO FREQUENCY (MHz)
Figure 63. PLL Lock Range Over Temperature for a Typical Device
Manual VCO Band Select
The device also has a manual band select mode (PLL manual
enable, Register 0x0A, Bit[6] = 1) that allows the user to select
the VCO tuning band. When in manual mode, the VCO band
is set directly with the value written to the manual VCO band,
(Register 0x0A, Bit[5:0]). To properly select the VCO band,
follow these steps:
1.
Put the device in manual band select mode.
2.
Sweep the VCO band over a range of bands that result in
the PLL being locked.
3.
For each band, verify that the PLL is locked and read the
PLL using the VCO control voltage (Register 0x0E[3:0]).
4.
Select the band that results in the control voltage being
closest to the center of the range (that is, 0000 or 1000). See
Table 24 for more details. The resulting VCO band should
be the optimal setting for the device. Write this band to the
manual VCO band (Register 0x0A[5:0]) value.
5.
If desired, an indication of where the VCO is within the
operating frequency band can be determined by querying
the VCO control voltage. Table 24 shows how to interpret
the PLL VCO control voltage (Register 0x0E, Bits[2:0]) value.
Table 24. VCO Control Voltage Range Indications
VCO Control Voltage
Indication
0111
Move to higher VCO Band
0110
0101
VCO is operating in the higher end of
frequency band
0100
0011
0010
0001
VCO is operating within an optimal
region of the frequency band
0000
1000
1001
1010
VCO is operating in the lower end of
frequency band
1011
1100
1101
1110
Move to lower VCO Band
1111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com