Electronic Components Datasheet Search
  English  ▼

X  

AD9122BCPZ Datasheet(PDF) 21 Page - Analog Devices

Part # AD9122BCPZ
Description  Dual, 16-Bit, 1200 MSPS, TxDAC짰 Digital-to-Analog Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9122BCPZ Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9122BCPZ Datasheet HTML 17Page - Analog Devices AD9122BCPZ Datasheet HTML 18Page - Analog Devices AD9122BCPZ Datasheet HTML 19Page - Analog Devices AD9122BCPZ Datasheet HTML 20Page - Analog Devices AD9122BCPZ Datasheet HTML 21Page - Analog Devices AD9122BCPZ Datasheet HTML 22Page - Analog Devices AD9122BCPZ Datasheet HTML 23Page - Analog Devices AD9122BCPZ Datasheet HTML 24Page - Analog Devices AD9122BCPZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
AD9122
Rev. 0 | Page 21 of 56
Reg Name
Addr
(Hex)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Compare I0 LSBs
0x68
Compare Value I0[7:0]
0xB6
Compare
I0 MSBs
0x69
Compare Value I0[15:8]
0x7A
Compare
Q0 LSBs
0x6A
Compare Value Q0[7:0]
0x45
Compare
Q0 MSBs
0x6B
Compare Value Q0[15:8]
0xEA
Compare I1 LSBs
0x6C
Compare Value I1[7:0]
0x16
Compare I1 MSBs
0x6D
Compare Value I1[15:8]
0x1A
Compare
Q1 LSBs
0x6E
Compare Value Q1[7:0]
0xC6
Compare
Q1 MSBs
0x6F
Compare Value Q1[15:8]
0xAA
SED I LSBs
0x70
Errors Detected I_BITS[7:0]
0x00
SED I MSBs
0x71
Errors Detected I_BITS[15:8]
0x00
SED Q LSBs
0x72
Errors Detected Q_BITS[7:0]
0x00
SED Q MSBs
0x73
Errors Detected Q_BITS[15:8]
0x00
Table 11. Device Configuration Register Descriptions
Reg
Name
Addr
(Hex)
Bit
Name
Description
Default
Comm
00
7
SDIO
SDIO Operation.
0
0 = SDIO operates as an input only.
1 = SDIO operates as bidirectional input/output.
6
LSB_FIRST
Serial port communication LSB or MSB first.
0
0 = MSB first.
1 = LSB first.
5
Reset
Reset is asserted when this bit transitions from 0 to 1.
0
Power
01
7
Power-down DAC I
1 = power down DAC I.
0
Control
6
Power-down DAC Q
1 = power down DAC Q.
0
5
Power-down data
receiver
1 = power down the input data receiver.
0
4
Power-down auxiliary
ADC
1 = power down auxiliary ADC for temperature sensor.
0
0
PLL lock status
1 = PLL is locked.
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com