Electronic Components Datasheet Search
  English  ▼

X  

MAC4DCM Datasheet(PDF) 4 Page - Motorola, Inc

Part # MAC4DCM
Description  TRIACS 4.0 AMPERES RMS 600 thru 800 VOLTS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MAC4DCM Datasheet(HTML) 4 Page - Motorola, Inc

  MAC4DCM Datasheet HTML 1Page - Motorola, Inc MAC4DCM Datasheet HTML 2Page - Motorola, Inc MAC4DCM Datasheet HTML 3Page - Motorola, Inc MAC4DCM Datasheet HTML 4Page - Motorola, Inc MAC4DCM Datasheet HTML 5Page - Motorola, Inc MAC4DCM Datasheet HTML 6Page - Motorola, Inc MAC4DCM Datasheet HTML 7Page - Motorola, Inc MAC4DCM Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MAC4DCM MAC4DCN
4
Motorola Thyristor Device Data
Figure 7. Typical Holding Current versus
Junction Temperature
Figure 8. Typical Latching Current versus
Junction Temperature
Figure 9. Exponential Static dv/dt versus
Gate–MT1 Resistance, MT2(+)
Figure 10. Exponential Static dv/dt versus
Gate–MT1 Resistance, MT2(–)
Figure 11. Exponential Static dv/dt versus
Peak Voltage, MT2(+)
Figure 12. Exponential Static dv/dt versus
Peak Voltage, MT2(–)
75
125
–50
TJ, JUNCTION TEMPERATURE (°C)
60
20
TJ, JUNCTION TEMPERATURE (°C)
25
125
–50
40
20
0
1000
10 K
100
RGK, GATE–MT1 RESISTANCE (OHMS)
10 K
8.0 K
6.0 K
4.0 K
2.0 K
0
RGK, GATE–MT1 RESISTANCE (OHMS)
100
15 K
10 K
5.0 K
0
500
600
400
VPK, PEAK VOLTAGE (VOLTS)
10 K
6.0 K
4.0 K
2.0 K
0
VPK, PEAK VOLTAGE (VOLTS)
400
14 K
12 K
6.0 K
2.0 K
0
600
10
0
–25
0
25
50
100
–25
0
80
100
120
1000
10 K
700
800
500
800
700
40
30
50
100
50
75
MT2 POSITIVE
MT2 NEGATIVE
Q2
Q3
Q1
TJ = 125°C
VPK = 400 V
600 V
800 V
TJ = 125°C
VPK = 400 V
600 V
800 V
GATE OPEN
TJ = 100°C
125
°C
110
°C
GATE OPEN
TJ = 100°C
125
°C
110
°C
60
8.0 K
10 K
8.0 K
4.0 K



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com