Electronic Components Datasheet Search
  English  ▼

X  

MAC4DCM Datasheet(PDF) 3 Page - Motorola, Inc

Part # MAC4DCM
Description  TRIACS 4.0 AMPERES RMS 600 thru 800 VOLTS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MAC4DCM Datasheet(HTML) 3 Page - Motorola, Inc

  MAC4DCM Datasheet HTML 1Page - Motorola, Inc MAC4DCM Datasheet HTML 2Page - Motorola, Inc MAC4DCM Datasheet HTML 3Page - Motorola, Inc MAC4DCM Datasheet HTML 4Page - Motorola, Inc MAC4DCM Datasheet HTML 5Page - Motorola, Inc MAC4DCM Datasheet HTML 6Page - Motorola, Inc MAC4DCM Datasheet HTML 7Page - Motorola, Inc MAC4DCM Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MAC4DCM MAC4DCN
3
Motorola Thyristor Device Data
Figure 1. RMS Current Derating
Figure 2. On–State Power Dissipation
Figure 3. On–State Characteristics
Figure 4. Transient Thermal Response
Figure 5. Typical Gate Trigger Current versus
Junction Temperature
Figure 6. Typical Gate Trigger Voltage versus
Junction Temperature
2.5
4.0
0
IT(RMS), RMS ON–STATE CURRENT (AMPS)
125
120
115
IT(RMS), RMS ON–STATE CURRENT (AMPS)
3.0
4.0
0
4.0
2.0
1.0
0
5.0
0
VT, INSTANTANEOUS ON–STATE VOLTAGE (VOLTS)
100
10
1.0
0.1
t, TIME (ms)
1.0
0.1
1.0
0.1
0.01
4.0
–25
25
–50
TJ, JUNCTION TEMPERATURE (°C)
60
30
20
0
TJ, JUNCTION TEMPERATURE (°C)
–25
100
–50
1.2
0.8
0.6
0.2
25
0
110
105
0.5
1.0
1.5
2.0
3.0
3.5
1.0
2.0
3.0
5.0
6.0
1.0
2.0
3.0
10
100
1000
10 k
50
125
75
40
0
125
50
75
0.4
100
50
dc
180
°
120
°
90
°
60
°
a = 30°
dc
180
°
120
°
90
°
60
°
TYPICAL @ TJ = 25°C
MAXIMUM @ TJ = 25°C
MAXIMUM @ TJ = 125°C
ZqJC(t) = RqJC(t)Sr(t)
Q3
Q2
Q1
Q3
Q2
Q1
α
α
a = CONDUCTION ANGLE
α
α
a = CONDUCTION ANGLE
a = 30°
10
0
1.0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com