Electronic Components Datasheet Search
  English  ▼

X  

MAC4DCM Datasheet(PDF) 5 Page - Motorola, Inc

Part # MAC4DCM
Description  TRIACS 4.0 AMPERES RMS 600 thru 800 VOLTS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MAC4DCM Datasheet(HTML) 5 Page - Motorola, Inc

  MAC4DCM Datasheet HTML 1Page - Motorola, Inc MAC4DCM Datasheet HTML 2Page - Motorola, Inc MAC4DCM Datasheet HTML 3Page - Motorola, Inc MAC4DCM Datasheet HTML 4Page - Motorola, Inc MAC4DCM Datasheet HTML 5Page - Motorola, Inc MAC4DCM Datasheet HTML 6Page - Motorola, Inc MAC4DCM Datasheet HTML 7Page - Motorola, Inc MAC4DCM Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MAC4DCM MAC4DCN
5
Motorola Thyristor Device Data
Figure 13. Typical Exponential Static dv/dt
versus Junction Temperature, MT2(+)
Figure 14. Typical Exponential Static dv/dt
versus Junction Temperature, MT2(–)
Figure 15. Critical Rate of Rise of
Commutating Voltage
125
100
TJ, JUNCTION TEMPERATURE (°C)
4.0 K
TJ, JUNCTION TEMPERATURE (°C)
125
100
10 K
2.0 K
0
5.0
35
0
di/dt(c), RATE OF CHANGE OF COMMUTATING CURRENT (A/ms)
100
10
1.0
2.0 K
0
105
110
115
120
105
110
12 K
14 K
10 K
8.0 K
115
120
4.0 K
6.0 K
8.0 K
10
15
GATE OPEN
VPK = 400 V
800 V
600 V
GATE OPEN
VPK = 400 V
800 V
600 V
VPK = 400 V
100
°C
75
°C
TJ = 125°C
tw
VDRM
(di/dt)c =
6f ITM
1000
f =
1
2 tw
6.0 K
20
25
30



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com