Electronic Components Datasheet Search
  English  ▼

X  

ADL5367 Datasheet(PDF) 4 Page - Analog Devices

Part # ADL5367
Description  500 MHz to 1700 MHz Balanced Mixer, LO Buffer and RF Balun
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5367 Datasheet(HTML) 4 Page - Analog Devices

  ADL5367 Datasheet HTML 1Page - Analog Devices ADL5367 Datasheet HTML 2Page - Analog Devices ADL5367 Datasheet HTML 3Page - Analog Devices ADL5367 Datasheet HTML 4Page - Analog Devices ADL5367 Datasheet HTML 5Page - Analog Devices ADL5367 Datasheet HTML 6Page - Analog Devices ADL5367 Datasheet HTML 7Page - Analog Devices ADL5367 Datasheet HTML 8Page - Analog Devices ADL5367 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ADL5367
Rev. 0 | Page 4 of 24
5 V PERFORMANCE
VS = 5 V, IS = 97 mA, TA = 25°C, fRF = 900 MHz, fLO = 1103 MHz, LO power = 0 dBm, VGS0 = VGS1 = 0 V, and ZO = 50 Ω, unless
otherwise noted.
Table 3.
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
Power Conversion Loss
Including 1:1 IF port transformer and PCB loss
6.5
7.7
8.5
dB
Voltage Conversion Loss
ZSOURCE = 50 Ω, differential ZLOAD = 50 Ω differential
1.4
dB
SSB Noise Figure
8.3
dB
SSB Noise Figure Under Blocking
5 dBm blocker present ±10 MHz from wanted RF input,
LO source filtered
21
dB
Input Third-Order Intercept (IIP3)
fRF1 = 899.5 MHz, fRF2 = 900.5 MHz, fLO = 1103 MHz,
each RF tone at 0 dBm
28
34
dBm
Input Second-Order Intercept (IIP2)
fRF1 = 950 MHz, fRF2 = 900 MHz, fLO = 1103 MHz,
each RF tone at 0 dBm
80
dBm
Input 1 dB Compression Point (IP1dB)1
Exceeding 20 dBm RF power results in damage to the device
25
dBm
LO-to-IF Leakage
Unfiltered IF output
−15
dBm
LO-to-RF Leakage
−40
dBm
RF-to-IF Isolation
−47
dBc
IF/2 Spurious
0 dBm input power
−75
dBc
IF/3 Spurious
0 dBm input power
−72
dBc
POWER SUPPLY
Positive Supply Voltage
4.5
5
5.5
V
Total Quiescent Current
VS = 5 V
97
mA
1 Exceeding 20 dBm RF power results in damage to the device.
3.3 V PERFORMANCE
VS = 3.3 V, IS = 56 mA, TA = 25°C, fRF = 900 MHz, fLO = 1103 MHz, LO power = 0 dBm, R9 = 226 Ω, VGS0 = VGS1 = 0 V, and ZO = 50 Ω,
unless otherwise noted.
Table 4.
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
Power Conversion Loss
Including 4:1 IF port transformer and PCB loss
7.3
dB
Voltage Conversion Loss
ZSOURCE = 50 Ω, differential ZLOAD = 200 Ω differential
1
dB
SSB Noise Figure
8.1
dB
Input Third-Order Intercept (IIP3)
fRF1 = 1949.5 MHz, fRF2 = 1950.5 MHz, fLO = 1750 MHz,
each RF tone at −10 dBm
28.5
dBm
Input Second-Order Intercept (IIP2)
fRF1 = 1950 MHz, fRF2 = 1900 MHz, fLO = 1750 MHz,
each RF tone at −10 dBm
75
dBm
POWER INTERFACE
Supply Voltage
3.0
3.3
3.6
V
Quiescent Current
Resistor programmable
56
mA
Power-Down Current
Device disabled
150
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com