Electronic Components Datasheet Search
  English  ▼

X  

ADL5367 Datasheet(PDF) 13 Page - Analog Devices

Part # ADL5367
Description  500 MHz to 1700 MHz Balanced Mixer, LO Buffer and RF Balun
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5367 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADL5367 Datasheet HTML 9Page - Analog Devices ADL5367 Datasheet HTML 10Page - Analog Devices ADL5367 Datasheet HTML 11Page - Analog Devices ADL5367 Datasheet HTML 12Page - Analog Devices ADL5367 Datasheet HTML 13Page - Analog Devices ADL5367 Datasheet HTML 14Page - Analog Devices ADL5367 Datasheet HTML 15Page - Analog Devices ADL5367 Datasheet HTML 16Page - Analog Devices ADL5367 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
ADL5367
Rev. 0 | Page 13 of 24
VS = 5 V, IS = 97 mA, TA = 25°C, fRF = 900 MHz, fLO = 1103 MHz, LO power = 0 dBm, VGS0 = VGS1 = 0 V, and ZO = 50 Ω, unless
otherwise noted.
NOISE FIGURE
5
6
7
8
9
10
11
12
13
14
15
0
1
2
3
4
5
6
7
8
9
10
700
750
800
850
900
950
1000 1050 1100 1150 1200
RF FREQUENCY (MHz)
VGS = 0, 0
VGS = 0, 1
VGS = 1, 0
VGS = 1, 1
CONVERSION LOSS
Figure 35. Power Conversion Loss and SSB Noise Figure vs. RF Frequency
20
22
24
26
28
30
32
34
36
38
40
700
750
800
850
900
950
1000 1050 1100 1150 1200
RF FREQUENCY (MHz)
VGS = 0, 0
VGS = 0, 1
VGS = 1, 0
VGS = 1, 1
Figure 36. Input IP3 vs. RF Frequency
12
5
6
7
8
9
10
11
4
40
5
10
15
20
25
30
35
0
600
800
1000
1200
1400
1600
1800
BIAS RESISTOR VALUE (
Ω)
CONVERSION LOSS
INPUT IP3
NOISE FIGURE
Figure 37. Power Conversion Loss, SSB Noise Figure, and
Input IP3 vs. LO Bias Resistor Value
30
5
10
15
20
25
0
–30
–25
–20
–15
–10
–5
0
5
10
BLOCKER POWER (dBm)
Figure 38. SSB Noise Figure vs.10 MHz Offset Blocker Level
140
20
40
60
80
100
120
0
600
800
1000
1200
1400
1600
1800
BIAS RESISTOR VALUE (
Ω)
Figure 39. LO Supply Current vs. LO Bias Resistor Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com