Electronic Components Datasheet Search
  English  ▼

X  

ADL5367 Datasheet(PDF) 7 Page - Analog Devices

Part # ADL5367
Description  500 MHz to 1700 MHz Balanced Mixer, LO Buffer and RF Balun
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5367 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADL5367 Datasheet HTML 3Page - Analog Devices ADL5367 Datasheet HTML 4Page - Analog Devices ADL5367 Datasheet HTML 5Page - Analog Devices ADL5367 Datasheet HTML 6Page - Analog Devices ADL5367 Datasheet HTML 7Page - Analog Devices ADL5367 Datasheet HTML 8Page - Analog Devices ADL5367 Datasheet HTML 9Page - Analog Devices ADL5367 Datasheet HTML 10Page - Analog Devices ADL5367 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
ADL5367
Rev. 0 | Page 7 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
5 V PERFORMANCE
VS = 5 V, IS = 97 mA, TA = 25°C, fRF = 900 MHz, fLO = 1103 MHz, LO power = 0 dBm, VGS0 = VGS1 = 0 V, and ZO = 50 Ω, unless
otherwise noted.
80
85
90
95
100
105
110
700
750
800
850
900
950
1000 1050 1100 1150 1200
RF FREQUENCY (MHz)
TA = +85°C
TA =–40°C
TA = +25°C
Figure 3. Supply Current vs. RF Frequency
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
700
750
800
850
900
950
1000 1050 1100 1150 1200
RF FREQUENCY (MHz)
TA = +85°C
TA =–40°C
TA = +25°C
Figure 4. Power Conversion Loss vs. RF Frequency
26
28
30
32
34
36
38
40
700
750
800
850
900
950
1000 1050 1100 1150 1200
RF FREQUENCY (MHz)
TA = +85°C
TA = –40°C
TA = +25°C
Figure 5. Input IP3 vs. RF Frequency
40
50
60
70
80
90
100
700
750
800
850
900
950
1000 1050 1100 1150 1200
RF FREQUENCY (MHz)
TA = +85°C
TA = –40°C
TA = +25°C
Figure 6. Input IP2 vs. RF Frequency
700
750
800
850
900
950
1000 1050
1100 1150 1200
RF FREQUENCY (MHz)
5
6
7
8
9
10
11
12
TA = +25ºC
TA = +85ºC
TA = –40ºC
Figure 7. SSB Noise Figure vs. RF Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com