Electronic Components Datasheet Search
  English  ▼

X  

SC9641 Datasheet(PDF) 13 Page - Silan Microelectronics Joint-stock

Part # SC9641
Description  CD DIGITAL SERVO SIGNAL PROCESSOR(SLAVE MODE)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9641 Datasheet(HTML) 13 Page - Silan Microelectronics Joint-stock

Back Button SC9641 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC9641 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC9641 Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC9641 Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC9641 Datasheet HTML 11Page - Silan Microelectronics Joint-stock SC9641 Datasheet HTML 12Page - Silan Microelectronics Joint-stock SC9641 Datasheet HTML 13Page - Silan Microelectronics Joint-stock SC9641 Datasheet HTML 14Page - Silan Microelectronics Joint-stock SC9641 Datasheet HTML 15Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
SC9641
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2008.03.24
Http: www.silan.com.cn
Page 13 of 15
5. PARALLEL COMMUNICATION TIMING WAVEFORM
Note: WR (pin 31), RD (pin 32) is controlled by system (master controller), and ACK (pin 28) is controlled by
SC9641 (sub-controller), normal state is high level, and DATA is controlled by all above.
1) Write mode: ACK_H
a. The system set WR: begin to write operation: MSB (T1).
b. The system wait SC9641 acknowledge: MSB (T2)
c. After the system write data to the DATA port, set the WR: LSB (T3).
d. The system wait for the response of SC9641: LSB (T4)
(After SC9641 read the data, set ACK: LSB)
e. After write one byte, according to the a
→ b → c → d order write the next byte.
2) Read mode: ACK_H
a. The system set RD: MSB (T1), and begin to read operation.
b. The system wait for SC9461 response ACK: MSB (T2) (SC9641 set ACK after data ready:
MSB)
c. After the system read out the data, set the RD: LSB (T3).
d. The system wait for the response of SC9641: LSB (T4).
e. After read one byte, according to the a
→ b → c → d order perform the next byte read
operation.
3) Time of communication protocol:
a. system read (SYS READ):
T2-T1: >=7us
T3-T2: =5us (TYP.), related with the execute speed of master controller.
T4-T3: >=6us



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com