Electronic Components Datasheet Search
  English  ▼

X  

SC9641 Datasheet(PDF) 3 Page - Silan Microelectronics Joint-stock

Part # SC9641
Description  CD DIGITAL SERVO SIGNAL PROCESSOR(SLAVE MODE)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9641 Datasheet(HTML) 3 Page - Silan Microelectronics Joint-stock

  SC9641 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC9641 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC9641 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC9641 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC9641 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC9641 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC9641 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC9641 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC9641 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
SC9641
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2008.03.24
Http: www.silan.com.cn
Page 3 of 15
(Continued)
Characteristics
Symbol
Test Condition
Min.
Typ.
Max.
Unit
MOTO Output Current
IMOTO
0
10
mA
RAD, FOC, SLED Low Level
Output Voltage
VOL
IOL=1mA
0
0.4
V
RAD, FOC, SLED High Level
Output Voltage
VOH
IOH=-1mA
VDD-
0.4
VDD
V
Moto Low Level Output Voltage
VOLmoto
IOLmoto=10mA
0
1.0
V
Moto high Level Output Voltage
VOHmoto
IOHmoto=-10mA
VDD-1
VDD
V
RAD, FOC, SLED, MOTO Output
3-state Leakage Current
IZO
-10
0
+10
µA
ACK, WR, RD, DATA0 7, High
Level Input Voltage
VILH
2.8
3.0
-
V
ACK, WR, RD, DATA0
7, Low
Level Input Voltage
VIHL
0.6
0.7
V
DATA_IN, WCLK_IN, SCLK_IN,
High Level Input Voltage
VOHda
0.7VDD
VDD+0.5
V
DATA_IN, WCLK_IN, SCLK_IN,
Low Level Input Voltage
VOLda
-0.5
0.3VDD
V
DAC Total Harmonic Distortion
Plus Noise
(THD+N)/S
60
65
70
dB
0~19 kHz
-
-
0.001
dB
19~20 kHz
-
-
0.03
dB
24KHz
25
-
-
dB
25 ~ 35 KHz
40
-
-
dB
35 ~ 64 KHz
50
-
-
dB
64 ~68 KHz
31
-
-
dB
68KHz
35
-
-
dB
DA Filter Attenuation
Filter_DA
69~ 88KHz
40
-
-
dB
Crystal Frequency
Fsystem
16.9344
MHz
SCLK Frequency
FSCLK_IN
2.8224
MHz
WCLK Frequency
FWCLK_IN
44.1
KHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com