Electronic Components Datasheet Search
  English  ▼

X  

SC9641 Datasheet(PDF) 5 Page - Silan Microelectronics Joint-stock

Part # SC9641
Description  CD DIGITAL SERVO SIGNAL PROCESSOR(SLAVE MODE)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9641 Datasheet(HTML) 5 Page - Silan Microelectronics Joint-stock

  SC9641 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC9641 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC9641 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC9641 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC9641 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC9641 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC9641 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC9641 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC9641 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
SC9641
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2008.03.24
Http: www.silan.com.cn
Page 5 of 15
(Continued)
Pin No.
Pin name
Descriptions
12
RFIN
EFM signal input
13
RFREF
Comparator common mode input
14
Ir
Reference current output
15
VSSA2
Analog ground 2
16
VDDA2
Analog supply 2
17
CRIN
Crystal oscillation circuit input. When the master clock is input externally, input it
from this pin.
18
CROUT
Crystal oscillation circuit output.
19
MODE
Connect ground.
20
MOT_CTRL
Control the spindle motor (during focusing and jumping, if MOT_CTRL output high
level signal, it can control the MOT control port of SA9529 after through 3 voltage
drop diodes, then prevent the spindle reverse; in other condition, the MOT-CTRL
output low level).
21
WCLK_OUT
D/A interface. LR clock output.
22
SCLK_OUT
D/A interface. Bit clock output.
23
DATA_OUT
D/A interface. Serial data output
24
ERR
C2 error flag
25
WCLK_IN
D/A interface. LR clock input.
26
SCLK_IN
D/A interface. Bit clock input.
27
DATA_IN
D/A interface. Serial data input
28
ACK
Acknowledge Signal output pin (drain open, with pull up resistor).
29
MCLK_IN
DAC system clock input (16.9344MHz)
30
CL16
16.9344MHZ clock output
31
DATA \ WR
Data I/O port, it is shared with write port of parallel communication.
32
STB \ RD
Control I/O port, it is shared with read port of parallel communication.(drain open,
with internal pull-up resistor).
33
ACK
Acknowledge signal port (drain open, with internal pull-up resistor).
34
IO.7 \ DATA7
General I/O port, it is shared with data bit 7 (drain open, with internal pull up resistor).
35
IO.6 \ DATA6
General I/O port, it is shared with data bit 6 (drain open, with internal pull up resistor).
36
IO.5 \ DATA5
General I/O port, it is shared with data bit 5 (drain open, with internal pull up resistor).
37
IO.4 \ DATA4
General I/O port, it is shared with data bit 4 (drain open, with internal pull up resistor).
38
IO.3 \ DATA3
General I/O port, it is shared with data bit 3 (drain open, with internal pull up resistor).
39
IO.2 \ DATA2
General I/O port, it is shared with data bit 2 (drain open, with internal pull up resistor).
40
IO.1 \ DATA1
General I/O port, it is shared with data bit 1 (drain open, with internal pull up resistor).
41
IO.0 \ DATA0
General I/O port, it is shared with data bit 0 (drain open, with internal pull up resistor).
42
TEST
Test pin.
43
RESET
Reset pin (active low)
44
VDDA
Analog Supply
45
VSSO
Analog Ground
46
VDD0
Analog Supply
(To be continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com