Electronic Components Datasheet Search
  English  ▼

X  

SNC26021 Datasheet(PDF) 3 Page - SONiX Technology Company

Part # SNC26021
Description  One Channel Speech Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNC26021 Datasheet(HTML) 3 Page - SONiX Technology Company

  SNC26021 Datasheet HTML 1Page - SONiX Technology Company SNC26021 Datasheet HTML 2Page - SONiX Technology Company SNC26021 Datasheet HTML 3Page - SONiX Technology Company SNC26021 Datasheet HTML 4Page - SONiX Technology Company SNC26021 Datasheet HTML 5Page - SONiX Technology Company SNC26021 Datasheet HTML 6Page - SONiX Technology Company SNC26021 Datasheet HTML 7Page - SONiX Technology Company SNC26021 Datasheet HTML 8Page - SONiX Technology Company SNC26021 Datasheet HTML 9Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
SNC26021
One Channel Speech Controller
Ver: 1.7
October 14, 2009
3
1. INTRODUCTION
SNC26021 is a one-channel voice synthesizer IC with PWM direct drive circuit. It built
in a 4-bit tiny controller with one 4-bit I/O ports. By programming through the tiny
controller in SNC26021, user’s varied applications including voice section
combination, key trigger arrangement, output control, and other logic functions can be
easily implemented.
2. FEATURES
Single power supply 2.4V – 5.5V
20 seconds voice capacity are provided (@6KHZ sample rate)
Built in a 4-bit tiny controller
I/O Port
−
One 4-bit I/O ports P2 is provided.
−
The driving/sink current of P2 is up to 8mA/16mA
−
The IO pins P2.3 can be modulated with 38.5Khz carry signal to implement IR
function.
−
PWM output for IO (P2.0~P2.3)
(64+8)*4 bits RAM are provided.
(Notes : m0~m63 + 8 PWMIO duty registers)
Maximum 44K program ROM is provided
44K*12 shared ROM for voice data and program
Readable ROM code data
Voice Synthesizer:
−
Single channel speech output.
−
Support 4-bits SONiX-ASDPCM and 8-bit PCM algorithm
Adaptive playing speed from 2.5k-20kHz is provided
Built in an PWM circuit output, can directly connected to Speaker for sound
output.
System clock: 2MHz
Event Mark function supported
Low Power Detect.
Watch Dog Timer Supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com