Electronic Components Datasheet Search
  English  ▼

X  

SNC26021 Datasheet(PDF) 6 Page - SONiX Technology Company

Part # SNC26021
Description  One Channel Speech Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNC26021 Datasheet(HTML) 6 Page - SONiX Technology Company

Back Button SNC26021 Datasheet HTML 2Page - SONiX Technology Company SNC26021 Datasheet HTML 3Page - SONiX Technology Company SNC26021 Datasheet HTML 4Page - SONiX Technology Company SNC26021 Datasheet HTML 5Page - SONiX Technology Company SNC26021 Datasheet HTML 6Page - SONiX Technology Company SNC26021 Datasheet HTML 7Page - SONiX Technology Company SNC26021 Datasheet HTML 8Page - SONiX Technology Company SNC26021 Datasheet HTML 9Page - SONiX Technology Company SNC26021 Datasheet HTML 10Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
SNC26021
One Channel Speech Controller
Ver: 1.7
October 14, 2009
6
5.3 RAM
SNC26021 contains (64+8) nibble RAM <(64+8) x 4-bits>. The 64 nibble RAM is only
one page. Another 8 nibbles are 8 PWMIO duty registers.
In our programming
structure, user can Directly use memory related command, M0 ~ M63 in the data
transfer type instructions, to access first 64 nibbles. Another 8 nibbles, user can use
PWMxL, PWMxH related command to access when PWMIO function is disabled.
(x can be 1~4)
5.4 Power Down Mode
“End” instruction makes the IC entering into Stop Mode will stop the system clock for
power savings (<3uA @VDD=3V and <6uA @VDD=4.5V.) Any valid data transition
(L
H or H
L) occurring on any IO pin can be used to start the system clock and
return to normal operating mode.
5.5 Sampling Rate Counter
The unique sampling rate counter is designed in voice channel to be able to play
diverse voices at different sample playing rates. The playing rate can be adaptively set
up among from the wide ranges of 2.5KHz to 20KHz. This architecture yields a
high-quality voice synthesis that sounds very close to its original source when played
through the same amplifier and speaker circuitry.
5.6 I/O Ports
There is one 4-bit I/O ports P2. Any I/O can be individually programmed as either
input pull low or output. Any valid data transition (H
L or L
H) of P2 can reactivate
the chip when it is in power-down stage.
I/O Port Configuration
Note:
(1) Weak N-MOS can serve as pull-low resistor.
(2) The driving/sink current of P2 is up to 8mA/16mA
Port Data
Port Status
To Internal Data Bus
Read Control
PAD
Weak



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com