Electronic Components Datasheet Search
  English  ▼

X  

SNC26021 Datasheet(PDF) 4 Page - SONiX Technology Company

Part # SNC26021
Description  One Channel Speech Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNC26021 Datasheet(HTML) 4 Page - SONiX Technology Company

  SNC26021 Datasheet HTML 1Page - SONiX Technology Company SNC26021 Datasheet HTML 2Page - SONiX Technology Company SNC26021 Datasheet HTML 3Page - SONiX Technology Company SNC26021 Datasheet HTML 4Page - SONiX Technology Company SNC26021 Datasheet HTML 5Page - SONiX Technology Company SNC26021 Datasheet HTML 6Page - SONiX Technology Company SNC26021 Datasheet HTML 7Page - SONiX Technology Company SNC26021 Datasheet HTML 8Page - SONiX Technology Company SNC26021 Datasheet HTML 9Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
SNC26021
One Channel Speech Controller
Ver: 1.7
October 14, 2009
4
3. PIN ASSIGNMENT
Symbol
I/O
Function Description
P20~P23
I/O
I/O port 2: IO
Rosc
I
Oscillation component connection pin
BUO1
O
PWM output 1
BUO2
O
PWM output 2
RST
I
RST=1
Reset Chip (Active H)
CVDD
I
Positive power supply for CPU
CGND
I
Negative power supply for CPU
VDDIO
I
Positive power supply for I/O
GNDIO
I
Negative power supply for I/O
Test
I
Test pin
4.
Block Diagram
ROM
Program/Speech
44K×12 bits
OSC
Address Pointers/ STACK
Voice
Synthesizer
ALU
SRAM (64+8 nibbles)
Timer
PWM
Circuit
Timing
Generator
Sampling Rate Counter
IO port 2
Watch Dog
Timer
PWM IO



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com