Electronic Components Datasheet Search
  English  ▼

X  

LT3743 Datasheet(PDF) 19 Page - Linear Technology

Part # LT3743
Description  High Current Synchronous Step-Down LED Driver with Three-State Control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3743 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT3743 Datasheet HTML 15Page - Linear Technology LT3743 Datasheet HTML 16Page - Linear Technology LT3743 Datasheet HTML 17Page - Linear Technology LT3743 Datasheet HTML 18Page - Linear Technology LT3743 Datasheet HTML 19Page - Linear Technology LT3743 Datasheet HTML 20Page - Linear Technology LT3743 Datasheet HTML 21Page - Linear Technology LT3743 Datasheet HTML 22Page - Linear Technology LT3743 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
LT3743
19
3743f
APPLICATIONS INFORMATION
The EN/UVLO pin as an absolute maximum voltage of
6V. To accommodate the largest range of applications,
there is an internal Zener diode that clamps this pin. For
applications where the supply range is greater than 4:1,
size R2 greater than 375k.
Thermal Shutdown
The internal thermal shutdown within the LT3743 engages at
163°C and terminates switching, resets soft-start and shuts
down the PWMGL and PWMGH drivers. When the part has
cooled to 155°C, the internal reset is cleared and soft-start
is allowed to charge once the PWM signal is asserted.
Switching Frequency Synchronization
The nominal switching frequency of the LT3743 is deter-
mined by the resistor from the RT pin to ground and may
be set from 200kHz to 1MHz. The internal oscillator may
also be synchronized to an external clock through the SYNC
pin. The external clock applied to the SYNC pin must have
a logic low below 0.3V and a logic high higher than 1.25V.
The input frequency must be 20% higher than the frequency
determined by the resistor at the RT pin. The duty cycle of
the input signal needs to be greater than 10% and less than
90%. Input signals outside of these specified parameters
will cause erratic switching behavior and subharmonic
oscillations. When synchronizing to an external clock,
please be aware that there will be a fixed delay from the input
clock edge to the edge of switch. The SYNC pin must be
grounded if the synchronization to an external clock is not
required. When SYNC is grounded, the switching frequency
is determined by the resistor at the RT pin.
Shutdown and UVLO
The LT3743 has an internal UVLO that terminates switching,
resets all synchronous logic, and discharges the soft-start
capacitor for input voltages below 4.2V. The LT3743 also
has a precision shutdown at 1.55V on the EN/UVLO pin.
Partial shutdown occurs at 1.55V and full shutdown is
guaranteed below 0.5V with <2μA IQ in the full shutdown
state. Below 1.5V, an internal current source provides 5.5μA
of pull-down current to allow for programmable UVLO
hysteresis. The following equations determine the voltage
divider resistors for programming the UVLO voltage and
hysteresis as configured in Figure 14.
R
V
μA
R
VR
VV
HYST
UVLO
2
55
1
155
2
155
=
=
⎛
⎝⎜
⎞
⎠⎟
.
.•
–.
LT3743
VIN
R2
VIN
R1
3743 F14
EN/UVLO
Figure 14. UVLO Configuration
LED Current Derating Using the CTRL_T Pin
The LT3743 is designed specifically for driving high cur-
rent LEDs. Most high current LEDs require derating the
maximum current based on operating temperature to
prevent damage to the LED. In addition, many applications
have thermal limitations that will require the regulated
current to be reduced based on LED and/or board tem-
perature. To achieve this, the LT3743 uses the CTRL_T
pin to reduce the effective regulated current in the LED
for both the high and low control currents. While CTRL_H
and CTRL_L program the regulated current in the LED,
CTRL_T can be configured to reduce this regulated cur-
rent based on the analog voltage at the CTRL_T pin. The
LED/board temperature derating is programmed using a
resistor divider with a temperature dependant resistance
(Figure 15). When the board/LED temperature rises, the
CTRL_T voltage will decrease. To reduce the regulated
current, the CTRL_T voltage must be lower than voltage
at the CTRL_L and CTRL_H pins.
LT3743
VREF
RNTC
RX
RV
RV
R2
R1
(OPTION A TO D)
3743 F15
CTRL_T
B
RNTC
A
RNTC
RX
D
RNTC
C
Figure 15. LED Current Derating vs Temperature
Using NTC Resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com