Electronic Components Datasheet Search
  English  ▼

X  

LT3743 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3743
Description  High Current Synchronous Step-Down LED Driver with Three-State Control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3743 Datasheet(HTML) 2 Page - Linear Technology

  LT3743 Datasheet HTML 1Page - Linear Technology LT3743 Datasheet HTML 2Page - Linear Technology LT3743 Datasheet HTML 3Page - Linear Technology LT3743 Datasheet HTML 4Page - Linear Technology LT3743 Datasheet HTML 5Page - Linear Technology LT3743 Datasheet HTML 6Page - Linear Technology LT3743 Datasheet HTML 7Page - Linear Technology LT3743 Datasheet HTML 8Page - Linear Technology LT3743 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LT3743
2
3743f
VIN Voltage................................................................40V
EN/UVLO Voltage ........................................................6V
VREF Voltage................................................................3V
CTRL_L, CTRL_H, CTRL_T Voltage ............................3V
PWM, CTRL_SEL Voltage ...........................................6V
SENSE+ Voltage ........................................................40V
SENSE– Voltage ........................................................40V
VCH, VCL Voltage .......................................................3V
SW Voltage ...............................................................40V
(Note 1)
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3743EUFD#PBF
LT3743EUFD#TRPBF
3743
28-Lead (4mm
× 5mm) Plastic QFN
–40°C to 125°C
LT3743IUFD#PBF
LT3743IUFD#TRPBF
3743
28-Lead (4mm
× 5mm) Plastic QFN
–40°C to 125°C
LT3743EFE#PBF
LT3743EFE#TRPBF
LT3743FE
28-Lead Plastic TSSOP
–40°C to 125°C
LT3743IFE#PBF
LT3743IFE#TRPBF
LT3743FE
28-Lead Plastic TSSOP
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ABSOLUTE MAXIMUM RATINGS
9
10
TOP VIEW
UFD PACKAGE
28-LEAD (4mm
5mm) PLASTIC QFN
11 12 13
28 27 26 25 24
14
23
6
5
4
3
2
1
GND
EN/UVLO
VREF
CTRL_T
GND
CTRL_H
CTRL_L
SS
PWMGL
GND
GND
PWMGH
PWM
CTRL_SEL
SYNC
RT
7
17
18
19
20
21
22
16
8
15
29
GND
TJMAX = 125°C, θJA = 37°C/W
EXPOSED PAD (PIN 29) IS GND, MUST BE SOLDERED TO PCB
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TOP VIEW
FE PACKAGE
28-LEAD PLASTIC TSSOP
28
27
26
25
24
23
22
21
20
19
18
17
16
15
VCC_INT
GND
VIN
EN/UVLO
VREF
CTRL_T
GND
CTRL_H
CTRL_L
SS
GND
FB
SENSE+
SENSE–
LG
GND
CBOOT
SW
HG
PWMGL
GND
PWMGH
PWM
CTRL_SEL
SYNC
RT
VCH
VCL
29
GND
TJMAX = 125°C, θJA = 30°C/W
EXPOSED PAD (PIN 29) IS GND, MUST BE SOLDERED TO PCB
PIN CONFIGURATION
CBOOT ......................................................................46V
RT Voltage...................................................................3V
FB Voltage...................................................................3V
SS Voltage ..................................................................6V
SYNC Voltage..............................................................6V
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
TSSOP .............................................................. 300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com