Electronic Components Datasheet Search
  English  ▼

X  

LT3971IDDPBF Datasheet(PDF) 13 Page - Linear Technology

Part # LT3971IDDPBF
Description  38V, 1.2A, 2MHz Step-Down Regulator with 2.8 Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3971IDDPBF Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3971IDDPBF Datasheet HTML 9Page - Linear Technology LT3971IDDPBF Datasheet HTML 10Page - Linear Technology LT3971IDDPBF Datasheet HTML 11Page - Linear Technology LT3971IDDPBF Datasheet HTML 12Page - Linear Technology LT3971IDDPBF Datasheet HTML 13Page - Linear Technology LT3971IDDPBF Datasheet HTML 14Page - Linear Technology LT3971IDDPBF Datasheet HTML 15Page - Linear Technology LT3971IDDPBF Datasheet HTML 16Page - Linear Technology LT3971IDDPBF Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LT3971
13
3971f
For details of maximum output current and discontinuous
operation, see Linear Technology’s Application Note 44.
Finally, for duty cycles greater than 50% (VOUT/VIN>0.5),
a minimum inductance is required to avoid sub-harmonic
oscillations. See Application Note 19.
One approach to choosing the inductor is to start with
the simple rule given above, look at the available induc-
tors, and choose one to meet cost or space goals. Then
use the equations above to check that the LT3971 will be
able to deliver the required output current. Note again
that these equations assume that the inductor current is
continuous. Discontinuous operation occurs when IOUT
is less than
ΔIL/2.
Input Capacitor
Bypass the input of the LT3971 circuit with a ceramic
capacitor of X7R or X5R type. Y5V types have poor
performance over temperature and applied voltage, and
should not be used. A 4.7μF to 10μF ceramic capacitor
is adequate to bypass the LT3971 and will easily handle
the ripple current. Note that larger input capacitance is
required when a lower switching frequency is used (due
to longer on-times). If the input power source has high
impedance, or there is significant inductance due to
long wires or cables, additional bulk capacitance may be
necessary. This can be provided with a low performance
electrolytic capacitor.
Step-down regulators draw current from the input sup-
ply in pulses with very fast rise and fall times. The input
capacitor is required to reduce the resulting voltage
ripple at the LT3971 and to force this very high frequency
switching current into a tight local loop, minimizing EMI.
A 4.7μF capacitor is capable of this task, but only if it is
placed close to the LT3971 (see the PCB Layout section).
A second precaution regarding the ceramic input capacitor
concerns the maximum input voltage rating of the LT3971.
A ceramic input capacitor combined with trace or cable
inductance forms a high quality (under damped) tank cir-
cuit. If the LT3971 circuit is plugged into a live supply, the
input voltage can ring to twice its nominal value, possibly
exceeding the LT3971’s voltage rating. This situation is
easily avoided (see the Hot Plugging Safely section).
Output Capacitor and Output Ripple
The output capacitor has two essential functions. Along
with the inductor, it filters the square wave generated by the
LT3971 to produce the DC output. In this role it determines
the output ripple, so low impedance (at the switching
frequency) is important. The second function is to store
energy in order to satisfy transient loads and stabilize the
LT3971’s control loop. Ceramic capacitors have very low
equivalent series resistance (ESR) and provide the best
ripple performance. A good starting value is:
C
Vf
OUT
OUT SW
=
100
where fSW is in MHz, and COUT is the recommended output
capacitance in μF. Use X5R or X7R types. This choice will
provide low output ripple and good transient response.
Transient performance can be improved with a higher
value capacitor. Increasing the output capacitance will
also decrease the output voltage ripple. A lower value of
output capacitor can be used to save space and cost but
transient performance will suffer.
When choosing a capacitor, look carefully through the
data sheet to find out what the actual capacitance is under
operating conditions (applied voltage and temperature). A
physicallylargercapacitororonewithahighervoltagerating
may be required. Table 3 lists several capacitor vendors.
Table 3. Recommended Ceramic Capacitor Vendors
MANUFACTURER
WEBSITE
AVX
www.avxcorp.com
Murata
www.murata.com
Taiyo Yuden
www.t-yuden.com
Vishay Siliconix
www.vishay.com
TDK
www.tdk.com
Catch Diode Selection
The catch diode (D1 from Block Diagram) conducts cur-
rent only during switch off time. Average forward current
in normal operation can be calculated from:
II
VV
V
D AVG
OUT
IN
OUT
IN
()
–
=
where IOUT is the output load current. The only reason to
consider a diode with a larger current rating than necessary
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com