Electronic Components Datasheet Search
  English  ▼

X  

LT3971IDDPBF Datasheet(PDF) 6 Page - Linear Technology

Part # LT3971IDDPBF
Description  38V, 1.2A, 2MHz Step-Down Regulator with 2.8 Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3971IDDPBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LT3971IDDPBF Datasheet HTML 2Page - Linear Technology LT3971IDDPBF Datasheet HTML 3Page - Linear Technology LT3971IDDPBF Datasheet HTML 4Page - Linear Technology LT3971IDDPBF Datasheet HTML 5Page - Linear Technology LT3971IDDPBF Datasheet HTML 6Page - Linear Technology LT3971IDDPBF Datasheet HTML 7Page - Linear Technology LT3971IDDPBF Datasheet HTML 8Page - Linear Technology LT3971IDDPBF Datasheet HTML 9Page - Linear Technology LT3971IDDPBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LT3971
6
3971f
TYPICAL PERFORMANCE CHARACTERISTICS
EN Threshold
Boost Diode Forward Voltage
Power Good Threshold
Switching Waveforms;
Burst Mode Operation
Switching Waveforms; Full
Frequency Continuous Operation
Minimum Input Voltage
TA = 25°C, unless otherwise noted.
Transient Load Response,
Load Current Stepped from 25mA
(Burst Mode Operation) to 525mA
Transient Load Response,
Load Current Stepped from
0.5A to 1A
TEMPERATURE (°C)
3971 G21
1.05
0.97
0.96
1.03
1.02
1.01
1.00
0.99
0.98
1.04
0.95
–55
155
35
65
125
95
5
–25
RISING THRESHOLD
FALLING THRESHOLD
BOOST DIODE CURRENT (mA)
3971 G22
1.6
0.4
0.2
1.2
1.0
0.8
0.6
1.4
0
0
1500
500
750
1250
1000
250
TEMPERATURE (°C)
3971 G23
95
88
87
86
93
92
91
90
89
94
85
–55
155
35
65
125
95
5
–25
10μs/DIV
3971 G24
VOUT
100mV/DIV
IL
500mA/DIV
FRONT PAGE APPLICATION
VIN = 12V, VOUT = 3.3V
COUT = 47μF
10μs/DIV
3971 G25
VOUT
100mV/
DIV
IL
500mA/
DIV
FRONT PAGE APPLICATION
VIN = 12V, VOUT = 3.3V
COUT = 47μF
5μs/DIV
3971 G26
VSW
5V/DIV
VOUT
20mV/DIV
IL
500mA/DIV
FRONT PAGE APPLICATION
VIN = 12V, VOUT = 3.3V
ILOAD = 10mA
COUT = 22μF
1μs/DIV
3971 G27
VSW
5V/DIV
VOUT
20mV/DIV
IL
500mA/DIV
FRONT PAGE APPLICATION
VIN = 12V, VOUT = 3.3V
ILOAD = 1A
COUT = 22μF
Minimum Input Voltage
LOAD CURRENT (mA)
0
5.0
4.8
4.0
3.4
3.6
4.2
4.4
4.6
3.8
3.2
3.0
800
400
3971 G19
1200
600
200
1000
TO START
TO RUN
FRONT PAGE APPLICATION
VOUT = 3.3V
LOAD CURRENT (mA)
0
6.4
6.2
5.4
5.6
6.0
5.8
5.2
5.0
800
400
3971 G20
1200
600
200
1000
TO START
TO RUN
FRONT PAGE APPLICATION
VOUT = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com