Electronic Components Datasheet Search
  English  ▼

X  

LT3971IDDPBF Datasheet(PDF) 21 Page - Linear Technology

Part # LT3971IDDPBF
Description  38V, 1.2A, 2MHz Step-Down Regulator with 2.8 Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3971IDDPBF Datasheet(HTML) 21 Page - Linear Technology

Back Button LT3971IDDPBF Datasheet HTML 16Page - Linear Technology LT3971IDDPBF Datasheet HTML 17Page - Linear Technology LT3971IDDPBF Datasheet HTML 18Page - Linear Technology LT3971IDDPBF Datasheet HTML 19Page - Linear Technology LT3971IDDPBF Datasheet HTML 20Page - Linear Technology LT3971IDDPBF Datasheet HTML 21Page - Linear Technology LT3971IDDPBF Datasheet HTML 22Page - Linear Technology LT3971IDDPBF Datasheet HTML 23Page - Linear Technology LT3971IDDPBF Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LT3971
21
3971f
TYPICAL APPLICATIONS
5V, 2MHz Step-Down Converter with Soft-Start
10pF
SW
FB
SS
RT
VIN
VIN
9V TO 25V
VOUT
5V
1.2A
2.2μF
0.47μF
22μF
309k
11k
f = 2MHz
2.2μH
1M
GND
BD
SYNC
OFF ON
LT3971
3971 TA08
EN
BOOST
PG
1nF
4V Step-Down Converter with a High Impedance Input Source
10pF
SW
FB
SS
RT
VIN
24V
VOUT
4V
1.2A*
4.7μF
CBULK
100μF
0.47μF
100μF
412k
49.9k
f = 800kHz
4.7μH
1M
GND
BD
SYNC
11M
LT3971
3971 TA09a
EN
BOOST
PG
1nF
1M
+
–
+
* AVERAGE OUTPUT POWER CANNOT
EXCEED THAT WHICH CAN BE PROVIDED
BY HIGH IMPEDANCE SOURCE.
NAMELY,
WHERE V IS VOLTAGE OF SOURCE, R IS
INTERNAL SOURCE IMPEDANCE, AND N IS
LT3971 EFFICIENCY. MAXIMUM OUTPUT
CURRENT OF 1.2A CAN BE SUPPLIED FOR A
SHORT TIME BASED ON THE ENERGY
WHICH CAN BE SOURCED BY THE BULK
INPUT CAPACITANCE.
POUT(MAX) =
•
V2
4R
500μs/DIV
3971 TA09b
VIN
5V/DIV
VOUT
200mV/DIV
IL
1A/DIV
Sourcing a Maximum Load Pulse
Start-Up from High Impedance Input Source
2ms/DIV
3971 TA09c
VIN
1V/DIV
VOUT
2V/DIV
IL
500mA/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com