Electronic Components Datasheet Search
  English  ▼

X  

PT6321 Datasheet(PDF) 3 Page - Princeton Technology Corp

Part # PT6321
Description  Fluorescent Display Tube Controller Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6321 Datasheet(HTML) 3 Page - Princeton Technology Corp

  PT6321 Datasheet HTML 1Page - Princeton Technology Corp PT6321 Datasheet HTML 2Page - Princeton Technology Corp PT6321 Datasheet HTML 3Page - Princeton Technology Corp PT6321 Datasheet HTML 4Page - Princeton Technology Corp PT6321 Datasheet HTML 5Page - Princeton Technology Corp PT6321 Datasheet HTML 6Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PT6321
V1.0
3
August, 2009
APPLICATION CIRCUIT
Notes:
*1. The VDISP voltage depends on the fluorescent display tube used. Adjust the value of the constants R3 and ZD to the VDISP voltage used.
*2. The value of R1 & C1 depend on PT6321 supply voltage of VDD (VDD=5V: R1=3.3KΩ, C1=47pF; VDD=3.3V: R1=3.3KΩ, C1=39pF)
*3. R2=1KΩ, C2=0.1
µF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com