Electronic Components Datasheet Search
  English  ▼

X  

PT6321 Datasheet(PDF) 1 Page - Princeton Technology Corp

Part # PT6321
Description  Fluorescent Display Tube Controller Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6321 Datasheet(HTML) 1 Page - Princeton Technology Corp

  PT6321 Datasheet HTML 1Page - Princeton Technology Corp PT6321 Datasheet HTML 2Page - Princeton Technology Corp PT6321 Datasheet HTML 3Page - Princeton Technology Corp PT6321 Datasheet HTML 4Page - Princeton Technology Corp PT6321 Datasheet HTML 5Page - Princeton Technology Corp PT6321 Datasheet HTML 6Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PT6321
Fluorescent Display Tube Controller Driver
Tel: 886-66296288‧Fax: 886-29174598‧ http://www.princeton.com.tw‧2F, 233-1, Baociao Road, Sindian, Taipei 23145, Taiwan
DESCRIPTION
The PT6321 is a dot matrix fluorescent display tube
controller driver IC which displays characters,
numerics and symbols. Dot matrix fluorescent display
tube drive signals are generated by serial data sent
from a microcontroller. A display system is easily
realized by internal ROM and RAM for character
display.
FEATURES
• Logic power supply(VDD): 3.3V±10% / 5.0V±10%
• Fluorescent display tube drive power supply (VDISP):
20V~60V
• VFD driver output current (VFD driver output can
directly be connected to the fluorescent display tube.
No pull-down resistor is required.)
- Segment driver (SEG1 to SEG35): -5.0mA
(VDISP=60V)
- Segment driver (AD1 to AD4): -10.0mA (VDISP=60V)
- Grid driver (COM1 to COM24): -20.0mA (VDISP=60V)
• General output port output current
- Output driver (P1-4):
±1.0mA (VDD=3.3V±10%)
±2.0mA (VDD=5.0V±10%)
• Content of display
- CGROM: 5x7 dots, 240 types (character data)
- CGRAM: 5x7 dots, 16 types (character data)
- ADRAM: 24 (display digit) x 4 bits (symbol data)
- DCRAM: 24 (display digit) x 8 bits (register for
character data display)
- General output port: 4 bits (static mode)
• Display control function
- Display digit: 9 to 24 digits
- Display duty (contrast adjustment): 8 stages
- All lights ON/OFF
• 3 interfaces with microcontroller: DA, /CS, /CP(4
interfaces if /RESET is added)
• 1-byte instruction execution (excluding data write to
RAM)
• Built-in oscillation circuit (external C and R)
80-pin plastic LQFP (LQFP80-P-1414-0.65-K)


Similar Part No. - PT6321

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6321-LQ PTC-PT6321-LQ Datasheet
764Kb / 6P
Fluorescent Display Tube Controller Driver
PT6321 PTC-PT6321_10 Datasheet
764Kb / 6P
Fluorescent Display Tube Controller Driver
More results

Similar Description - PT6321

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM9201-01 OKI-MSM9201-01 Datasheet
356Kb / 35P
Fluorescent Display Tube Controller Driver
ML9209-XX OKI-ML9209-XX Datasheet
383Kb / 29P
Vacuum fluorescent display tube controller driver
logo
Princeton Technology Co...
PT6321 PTC-PT6321_10 Datasheet
764Kb / 6P
Fluorescent Display Tube Controller Driver
logo
List of Unclassifed Man...
ML9209-01 ETC2-ML9209-01 Datasheet
437Kb / 29P
Vacuum fluorescent display tube controller driver
ML9286-03 ETC2-ML9286-03 Datasheet
425Kb / 37P
Vacuum fluorescent display tube controller driver
ML9289-01 ETC2-ML9289-01 Datasheet
471Kb / 31P
Vacuum fluorescent display tube controller driver
ML9209-XX ETC2-ML9209-XX Datasheet
437Kb / 29P
Vacuum fluorescent display tube controller driver
ML9289-XX ETC2-ML9289-XX Datasheet
471Kb / 31P
Vacuum fluorescent display tube controller driver
FEDL9209-01 ETC2-FEDL9209-01 Datasheet
263Kb / 29P
Vacuum fluorescent display tube controller driver
logo
LAPIS Semiconductor Co....
ML9289 LAPIS-ML9289 Datasheet
298Kb / 31P
Vacuum fluorescent display tube controller driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com