Electronic Components Datasheet Search
  English  ▼

X  

PT6321 Datasheet(PDF) 5 Page - Princeton Technology Corp

Part # PT6321
Description  Fluorescent Display Tube Controller Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6321 Datasheet(HTML) 5 Page - Princeton Technology Corp

  PT6321 Datasheet HTML 1Page - Princeton Technology Corp PT6321 Datasheet HTML 2Page - Princeton Technology Corp PT6321 Datasheet HTML 3Page - Princeton Technology Corp PT6321 Datasheet HTML 4Page - Princeton Technology Corp PT6321 Datasheet HTML 5Page - Princeton Technology Corp PT6321 Datasheet HTML 6Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PT6321
V1.0
5
August, 2009
PIN DESCRIPTION
Pin Name
I/O
Connects to
Description
Pin No
AD1~4
O
Fluorescent tube
anode electrode
Fluorescent display tube anode electrode drives output.
Directly connected to fluorescent display tube. No pull-down
resistor is required. IOH>–10.0mA
1,2,79,80
SEG1~35
O
Fluorescent tube
anode electrode
Fluorescent display tube anode electrode drives output. Directly
connected to fluorescent display tube. No pull-down resistor is
required. IOH>–5.0mA
3-37
VDISP1~2
Power supply
VDISP-PGND are power supplies for driving fluorescent tubes
38,78
COM1~24
O
Fluorescent tube
grid electrode
Fluorescent display tube grid electrode drives output.
Directly connected to fluorescent display tube. No pull-down
resistor is required. IOH>–20.0mA
39-62
PGND1~2
Power supply
High Voltage GND pin
63,76
LGND
Power supply
Logic GND pin
64
OSC0
I
Connect R and C externally. The RC time constant depends on
the VDD voltage used. Set the target oscillation frequency to 2
MHz.
65
OSC1
O
C1, R1
(RC oscillation circuit) See
Application Circuit)
66
Reset input.
Setting this pin to "Low" initializes all the functions.
The initial status is as follows.
• Address of each RAM….. address "00"H
• Data of each RAM….. Content is undefined
• Number of display digits….. 24 digits
• Contrast adjustment….. 8/16
• All lights ON or OFF….OFF mode
• All outputs….. "Low" level
/RESET
I
Microcontroller
or C2, R2
(Circuit when R and C are
connected externally) See
application Circuit
67
/CS
I
Microcontroller
Chip select input
Setting this pin to "H" disables serial data transfer.
68
/CP
I
Microcontroller
Shift clock input.
Serial data is shifted on the rising edge of /CP.
69
DA
I
Microcontroller
Serial data input (positive logic).
Input from LSB.
70
VDD
Power supply
Logic Voltage Pin
71
P1~4
O
LED drive control
terminals
General port output.
Output of these pins in static operation, so these pins can drive the
LED. IOH>–2.0mA
72-75



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com