Electronic Components Datasheet Search
  English  ▼

X  

BQ76PL102 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL102
Description  PowerLAN Dual-Cell Li-Ion Battery Monitor With PowerPump Cell Balancing
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ76PL102 Datasheet(HTML) 4 Page - Texas Instruments

  BQ76PL102 Datasheet HTML 1Page - Texas Instruments BQ76PL102 Datasheet HTML 2Page - Texas Instruments BQ76PL102 Datasheet HTML 3Page - Texas Instruments BQ76PL102 Datasheet HTML 4Page - Texas Instruments BQ76PL102 Datasheet HTML 5Page - Texas Instruments BQ76PL102 Datasheet HTML 6Page - Texas Instruments BQ76PL102 Datasheet HTML 7Page - Texas Instruments BQ76PL102 Datasheet HTML 8Page - Texas Instruments BQ76PL102 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
1
2
3
4
VSS
VLDO
TDI
SDI
12
11
10
9
16
V2
TMD
TCK
SDO
15
14
13
5
6
7
8
P0019-06
Thermal
Pad
RGTPackage
(TopView)
bq76PL102
SLUS887A – DECEMBER 2008 – REVISED OCTOBER 2009 .......................................................................................................................................... www.ti.com
Figure 3. bq76PL102 Pinout (Top View)
CAUTION:
This device is subject to damage from Electrostatic Discharge (ESD). The
device should be stored and handled using appropriate ESD precautions to
prevent damage to the internal circuitry.
PIN FUNCTIONS
PIN
I/O(1)
DESCRIPTION(2)
NAME
NO.
PUMP1N
6
O
Charge-balance gate drive for cell 1 north
PUMP1S
5
O
Charge-balance gate drive for cell 1 south
PUMP2N
8
O
Charge-balance gate drive cell 2 north
PUMP2S
7
O
Charge-balance gate drive cell 2 south
SDI
4
I
PowerLAN serial data input from lower south, downstream part
SDO
9
O
PowerLAN serial data output to north, upstream part
XT1
14
IA
External temperature sensor 1 input (calibrated 50
µA)
XT2
13
IA
External temperature sensor 2 input (calibrated 50
µA)
TCK
10
NC
Do not connect
TDI
3
NC
Do not connect
TMD
11
NC
Do not connect
V1
15
IA
Midpoint cell connection (cell 1 positive and cell 2 negative)
V2
12
P, IA
Connect to most-positive cell voltage (cell 2 positive)(3)
VLDO
2
P
Low-dropout regulator output – connect to VPP (bypass with 4.7
µF capacitor)
VPP
16
P
Connect to VLDO
VSS
1
P
Connect to most-negative cell voltage (cell 1 negative)
—
P
Thermal pad – connect to VSS
(1)
I - input, IA - analog input, O - output, P - power, NC - no connect
(2)
Cell numbering convention is from more-negative (cell 1) to more-positive (cell 2) and is locally referenced.
(3)
When there is an odd number of series cells in a battery pack, connect pin V2 of the topmost bq76PL102 to pin V1 of the same
bq76PL102.
4
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s) :bq76PL102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com