Electronic Components Datasheet Search
  English  ▼

X  

BQ76PL102 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL102
Description  PowerLAN Dual-Cell Li-Ion Battery Monitor With PowerPump Cell Balancing
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ76PL102 Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ76PL102 Datasheet HTML 2Page - Texas Instruments BQ76PL102 Datasheet HTML 3Page - Texas Instruments BQ76PL102 Datasheet HTML 4Page - Texas Instruments BQ76PL102 Datasheet HTML 5Page - Texas Instruments BQ76PL102 Datasheet HTML 6Page - Texas Instruments BQ76PL102 Datasheet HTML 7Page - Texas Instruments BQ76PL102 Datasheet HTML 8Page - Texas Instruments BQ76PL102 Datasheet HTML 9Page - Texas Instruments BQ76PL102 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
bq76PL102
SLUS887A – DECEMBER 2008 – REVISED OCTOBER 2009 .......................................................................................................................................... www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
EXTERNAL TEMPERATURE SENSOR(S) TYPICAL CHARACTERISTICS(6)
Measurement range(7)
–40
90
°C
Resolution
0.2
°C
25°C
±2
°C
Accuracy(8)
0°C to 85°C
±2
°C
PowerPump ELECTRICAL CHARACTERISTICS (FOR bq76PL102)(9)
VOH
High drive, PUMP1S, PUMP2S
IOUT = 10 µA
0.9 V1
V
VOL
Low drive, PUMP1S, PUMP2S
IOUT = –200 µA
0.1 V1
V
VOH
High drive, PUMP1N, PUMP2N
IOUT = 200 µA
0.9 V1
V
VOL
Low drive, PUMP1N, PUMP2N
IOUT = –10 µA
0.1 V1
V
IOH
Source current, PUMP1S, PUMP2S
VOH = V1 – 0.8 V
250
µA
IOL
Sink current, PUMP1N, PUMP2N
VOH = V1 + 0.2 V
–250
µA
tr
Signal rise time
CLoad = 300 pF
100
ns
tf
Signal FET fall time
CLoad = 300 pF
100
ns
fP
Frequency
204.8
kHz
PUMP1S, PUMP2S
67%
PWM duty cycle(10)
PUMP1N, PUMP2N
33%
LDO VOLTAGE CHARACTERISTICS(11)
VLDO
Single-cell operation, referenced to VSS
Load = 200
µA at 25°C, V1 = 2.8 V
2.425
2.5
2.575
V
VLDO
Dual-cell operation, V1 = V2 = cell voltage Load = 2 mA at 25°C
2.425
2.5
2.575
V
VLAN SIGNALS
(12) (13) (14)
SDI, C coupling = 1000 pf
100
CL
Load capacitance
pF
SDO
100
VIH
Input logic high
SDI
0.8 VLDO
V
VOH
Output logic high
SDO
0.9 VLDO
V
VIL
Input logic low
SDI
0.2 VLDO
V
VOL
Output logic low
SDO
0.1 VLDO
V
tr
Input rise time
SDI
500
ns
tf
Input fall time
SDI
500
ns
tor
Output rise time
SDO
30
50
ns
tof
Output fall time
SDO
30
50
ns
(6)
Typical for dual-diode (MMBD4148 or equivalent) external sensor using recommended circuit
(7)
Range of diode sensors may exceed operation limits of IC and battery cells.
(8)
Typical behavior after calibration; final result depends on specific component characteristics
(9)
All parameters tested at typical cell voltages = 3.6 V.
(10) The frequency and duty cycle of each pump gate drive signal is set by the bq78PL114. The PUMPxN signals have a positive duty cycle
and switch on the N-Channel MOSFETs. The duty cycle of the PUMPxS signals is (100 – the duty cycle of the PUMPxN signals).
(11) After calibration
(12) Values specified by design
(13) The SDI and SDO pins on the bq76PL102 are ac-coupled from the cell circuits downstream and upstream, respectively. The limits
specified here are the voltage transitions which must occur within the SDI and SDO rise- and fall-time specifications.
(14) The value specified is over the full input voltage range and the maximum load capacitance.
6
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s) :bq76PL102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com