Electronic Components Datasheet Search
  English  ▼

X  

BQ76PL102 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL102
Description  PowerLAN Dual-Cell Li-Ion Battery Monitor With PowerPump Cell Balancing
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ76PL102 Datasheet(HTML) 5 Page - Texas Instruments

  BQ76PL102 Datasheet HTML 1Page - Texas Instruments BQ76PL102 Datasheet HTML 2Page - Texas Instruments BQ76PL102 Datasheet HTML 3Page - Texas Instruments BQ76PL102 Datasheet HTML 4Page - Texas Instruments BQ76PL102 Datasheet HTML 5Page - Texas Instruments BQ76PL102 Datasheet HTML 6Page - Texas Instruments BQ76PL102 Datasheet HTML 7Page - Texas Instruments BQ76PL102 Datasheet HTML 8Page - Texas Instruments BQ76PL102 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
bq76PL102
www.ti.com .......................................................................................................................................... SLUS887A – DECEMBER 2008 – REVISED OCTOBER 2009
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
TA
Operating free-air temperature (ambient)
–40 to 85
°C
Tstg
Storage temperature
–65 to 150
°C
Voltage on SDO
Note: not VSS-referenced
(V1 – 0.5) to (V2 + 0.5)(2)
V
Voltage on SDI
Limited by lower cell voltage
(VSS – 0.5) to (V1 + 0.5)(2)
V
Voltage on V1 (V1 – VSS)(2)
Maximum cell voltage
–0.5 to 5
V
Voltage on V2 (V2 – V1) (2)
Maximum cell voltage (not VSS-referenced)
–0.5 to 5
V
Voltage on XT1 or XT2
With respect to VSS
(VSS – 0.5) to (V1 + 0.5)
V
JEDEC, JESD22-A114 human-body model, R = 1500
Ω,
ESD tolerance
2
kV
C = 100 pF
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is note implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Cell numbering convention is from most negative (Cell 1) to most positive (Cell 2) and is locally referenced.
TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DC CHARACTERISTICS
Two-cell configuration
2.5
3.6
4.5
VCELL
(1) (
Cell voltage input
V
2)
One-cell configuration(2)
2.8
3.6
4.5
IDD
Operating current (cell 2)
Measuring, reporting, or balancing
250
350
µA
ISTBY
Standby-mode current (cell 2)
Idle
32
50
µA
ISHIP
Ship-mode current (cell 2)
10
30
µA
IUVM
(3)
Cell extreme undervoltage-mode current
V1 < 2.8 V
0.5
1
µA
(cell 2)
VStartup
Minimum startup voltage, V1 and V2
2.9
V
CELL VOLTAGE MEASUREMENT CHARACTERISTICS
V1 measurement range
2.75
4.5
V
V2 measurement range
2.75
4.5
V
Analog resolution
<1
mV
25°C
±3
±7
Accuracy (after calibration)
mV
0°C to 85°C
±10(4)
Measurement temperature coefficient
+150
µV/°C
Conversion time(5)
80
ms
INTERNAL TEMPERATURE MEASUREMENT CHARACTERISTICS
Measurement range
–30
85
°C
Resolution
0.1
°C
Accuracy (after calibration)(4)
0°C to 85°C
±2
°C
Temperature coefficient
+1.28
mV/°C
(1)
For single-cell operation, V1 must be connected to V2.
(2)
During operation after power up
(3)
Condition forced by bq78PL114
(4)
With respect to voltage shift induced by temperature coefficient at 85C.
(5)
Does not include delay due to internode timing delays.
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s) :bq76PL102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com