Electronic Components Datasheet Search
  English  ▼

X  

ADS8558IPM Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8558IPM
Description  16-14-12-Bit Six-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8558IPM Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADS8558IPM Datasheet HTML 9Page - Texas Instruments ADS8558IPM Datasheet HTML 10Page - Texas Instruments ADS8558IPM Datasheet HTML 11Page - Texas Instruments ADS8558IPM Datasheet HTML 12Page - Texas Instruments ADS8558IPM Datasheet HTML 13Page - Texas Instruments ADS8558IPM Datasheet HTML 14Page - Texas Instruments ADS8558IPM Datasheet HTML 15Page - Texas Instruments ADS8558IPM Datasheet HTML 16Page - Texas Instruments ADS8558IPM Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
ADS8556
ADS8557
ADS8558
www.ti.com ............................................................................................................................................... SBAS404A – OCTOBER 2006 – REVISED AUGUST 2009
TERMINAL FUNCTIONS (continued)
DESCRIPTION
NAME
PIN #
TYPE(1)
PARALLEL INTERFACE (PAR/SER = 0)
SERIAL INTERFACE (PAR/SER = 1)
Positive supply voltage for the analog inputs (5V to 16.5V). Decouple with a 100nF ceramic capacitor to AGND
HVDD
31
P
placed next to the device and a 10
µF capacitor to AGND close to the device but without compromising the
placement of the smaller capacitor.
Analog input of channel A0. The input voltage range is controlled by RANGE pin in hardware mode or CR bit C26
CH_A0
33
AI
(RANGE_A) in software mode.
Analog input of channel A1. The input voltage range is controlled by RANGE pin in hardware mode or CR bit C26
CH_A1
36
AI
(RANGE_A) in software mode.
Analog input of channel B0. The input voltage range is controlled by RANGE pin in hardware mode or CR bit C27
CH_B0
39
AI
(RANGE_B) in software mode.
Analog input of channel B1. The input voltage range is controlled by RANGE pin in hardware mode or CR bit C27
CH_B1
42
AI
(RANGE_B) in software mode.
Analog input of channel C0. The input voltage range is controlled by RANGE pin in hardware mode or CR bit C28
CH_C0
45
AI
(RANGE_C) in software mode.
Analog input of channel C1. The input voltage range is controlled by RANGE pin in hardware mode or CR bit C28
CH_C1
48
AI
(RANGE_C) in software mode.
Reference voltage input/output (0.5V to 3.025V).
The internal reference is enabled via REFEN/WR pin in hardware mode or CR bit C25 (REFEN) in software mode.
REFIO
51
AIO
The output value is controlled by the internal DAC (CR bits C[9:0]). Connect a 470nF ceramic decoupling
capacitor between this pin and pin 52.
Decoupling capacitor for reference of channels A.
REFC_A
54
AI
Connect a 10
µF ceramic decoupling capacitor between this pin and pin 53.
Decoupling capacitor for reference of channels B.
REFC_B
56
AI
Connect a 10
µF ceramic decoupling capacitor between this pin and pin 55.
Decoupling capacitor for reference of channels C.
REFC_C
58
AI
Connect a 10
µF ceramic decoupling capacitor between this pin and pin 57.
Interface mode selection input.
PAR/SER
61
DI
When low, the parallel interface is selected. When high, the serial interface is enabled.
Mode selection input.
HW/SW
62
DI
When low, the hardware mode is selected and part works according to the settings of external pins. When high,
the software mode is selected in which the device is configured by writing into the control register.
Hardware mode (HW/SW = 0):
Hardware mode (HW/SW = 0):
Internal reference enable input.
Internal reference enable input.
When high, the internal reference is enabled (the
When high, the internal reference is enabled (the reference
reference buffers are to be enabled). When low,
buffers are to be enabled). When low, the internal reference
the internal reference is disabled and an external
is disabled and an external reference should be applied at
REFEN/WR
63
DI
reference is applied at REFIO.
REFIO.
Software mode (HW/SW = 1): Write input.
The parallel data input is enabled, when CS and
Software mode (HW/SW = 1): Connect to BGND or BVDD.
WR are low. The internal reference is enabled by
The internal reference is enabled by CR bit C25 (REFEN).
the CR bit C25 (REFEN).
Data bit 15 (MSB) input/output
DB15
64
DIO
Connect to BGND
Output is '0' for the ADS8557/8
Copyright © 2006–2009, Texas Instruments Incorporated
13
Product Folder Link(s): ADS8556 ADS8557 ADS8558



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com