Electronic Components Datasheet Search
  English  ▼

X  

ADS8558IPM Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8558IPM
Description  16-14-12-Bit Six-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8558IPM Datasheet(HTML) 19 Page - Texas Instruments

Back Button ADS8558IPM Datasheet HTML 15Page - Texas Instruments ADS8558IPM Datasheet HTML 16Page - Texas Instruments ADS8558IPM Datasheet HTML 17Page - Texas Instruments ADS8558IPM Datasheet HTML 18Page - Texas Instruments ADS8558IPM Datasheet HTML 19Page - Texas Instruments ADS8558IPM Datasheet HTML 20Page - Texas Instruments ADS8558IPM Datasheet HTML 21Page - Texas Instruments ADS8558IPM Datasheet HTML 22Page - Texas Instruments ADS8558IPM Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
30
40
50
60
70
80
90
-
-
-
-
-
-
-
0
20
40
60
80
100
120
140
200
AVDDNoiseFrequency(kHz)
160
180
C
=100nFonAVDD
SUPPLY
1.40
1.35
1.30
1.25
1.20
1.15
1.10
1.05
1.00
0.95
0.90
-
40 -25 -10
5
20
35
50
65
125
Temperature( C)
°
80
95
110
ADS8556
ADS8557
ADS8558
5500
5000
4500
4000
3500
3000
2500
2000
1500
1000
500
-3
-2
-1
0
1
2
Code
AVDD=BVDD=5V
HVSS= 15V
HVDD=15V
8192Samples
Range=+4
V
InternalReference
T=+25 C
-
´ REF
°
94
92
90
88
86
84
82
80
78
76
74
72
70
-40 -25 -10
5
20
35
50
65
125
Temperature( C)
°
80
95
110
ADS8556
ADS8558
ADS8557
AVDD=BVDD=5V
HVSS= 15V,HVDD=15V
f
=10kHz,f
=Max
Range= 4
V
InternalReference
-
± ´
SIGNAL
DATA
REF
94
92
90
88
86
84
82
80
78
76
74
72
70
-40 -25 -10
5
20
35
50
65
125
Temperature( C)
°
80
95
110
ADS8556
ADS8558
ADS8557
AVDD=BVDD=5V
HVSS= 15V,HVDD=15V
f
=10kHz,f
=Max
Range= 4
V
InternalReference
-
± ´
SIGNAL
DATA
REF
-86
88
90
92
94
96
98
-
-
-
-
-
-
-40 -25 -10
5
20
35
50
65
125
Temperature( C)
°
80
95
110
ADS8556
ADS8558
ADS8557
AVDD=BVDD=5V,HVSS= 15V,HVDD=15V
f
=10kHz,f
=Max,Range= 4
V
InternalReference
-
± ´
SIGNAL
DATA
REF
ADS8556
ADS8557
ADS8558
www.ti.com ............................................................................................................................................... SBAS404A – OCTOBER 2006 – REVISED AUGUST 2009
TYPICAL CHARACTERISTICS (continued)
At +25°C, over entire supply voltage range, VREF = 2.5V (internal), and fDATA = maximum, unless otherwise noted.
PSRR vs AVDD NOISE FREQUENCY
CONVERSION TIME vs TEMPERATURE
Figure 16.
Figure 17.
CODE HISTOGRAM
(8192 Hits)
SNR vs TEMPERATURE
Figure 18.
Figure 19.
SINAD vs TEMPERATURE
THD vs TEMPERATURE
Figure 20.
Figure 21.
Copyright © 2006–2009, Texas Instruments Incorporated
19
Product Folder Link(s): ADS8556 ADS8557 ADS8558



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com