Electronic Components Datasheet Search
  English  ▼

X  

ADS8558IPM Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8558IPM
Description  16-14-12-Bit Six-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8558IPM Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS8558IPM Datasheet HTML 17Page - Texas Instruments ADS8558IPM Datasheet HTML 18Page - Texas Instruments ADS8558IPM Datasheet HTML 19Page - Texas Instruments ADS8558IPM Datasheet HTML 20Page - Texas Instruments ADS8558IPM Datasheet HTML 21Page - Texas Instruments ADS8558IPM Datasheet HTML 22Page - Texas Instruments ADS8558IPM Datasheet HTML 23Page - Texas Instruments ADS8558IPM Datasheet HTML 24Page - Texas Instruments ADS8558IPM Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
3.005
3.004
3.003
3.002
3.001
3.000
2.999
2.998
2.997
2.996
2.995
-40 -25 -10
5
20
35
50
65
125
Temperature( C)
°
80
95
110
36
34
32
30
28
26
24
22
20
18
16
14
12
10
-40 -25 -10
5
20
35
50
65
125
Temperature( C)
°
80
95
110
f
=Max
DATA
f
=250kSPS(A-NAP)
DATA
AVDD=5V
InternalReference
36
34
32
30
28
26
24
22
20
18
16
14
12
10
8
6
4
2
0
45 90 135 180 225 270 315
630
SampleRate(kSPS)
360 405 450
NormalOperation
A-NAPMode
AVDD=5V
InternalReference
495 540 585
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
-40 -25 -10
5
20
35
50
65
125
Temperature( C)
°
80
95
110
f
=Max
DATA
f
=250kSPS(A-NAP)
DATA
BVDD=5V
4.00
3.75
3.50
3.25
3.00
2.75
2.50
2.25
2.00
1.75
1.50
1.25
1.00
-40 -25 -10
5
20
35
50
65
125
Temperature( C)
°
80
95
110
IHVSS(f
=Max)
DATA
HVSS= 15V
HVDD=15V
Range= 4
V
InternalReference
-
± ´ REF
IHVDD(f
=Max)
DATA
IHVSS(
)
250kSPSA-NAP
IHVDD(
)
250kSPSA-NAP
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
5
6
7
8
9
10
11
12
15
HVDD,|HVSS|(V)
13
14
IHVSS(f
=Max)
DATA
IHVDD(f
=Max)
DATA
IHVSS(
)
250kSPSA-NAP
IHVDD(
)
250kSPSA-NAP
ADS8556
ADS8557
ADS8558
www.ti.com ............................................................................................................................................... SBAS404A – OCTOBER 2006 – REVISED AUGUST 2009
TYPICAL CHARACTERISTICS (continued)
At +25°C, over entire supply voltage range, VREF = 2.5V (internal), and fDATA = maximum, unless otherwise noted.
INTERNAL REFERENCE VOLTAGE vs TEMPERATURE
(3.0V Mode)
ANALOG SUPPLY CURRENT vs TEMPERATURE
Figure 28.
Figure 29.
ADS8556
ANALOG SUPPLY CURRENT vs DATA RATE
BUFFER I/O SUPPLY CURRENT vs TEMPERATURE
Figure 30.
Figure 31.
ADS8556
ADS8556
INPUT SUPPLY CURRENT vs TEMPERATURE
INPUT SUPPLY CURRENT vs INPUT SUPPLY VOLTAGE
Figure 32.
Figure 33.
Copyright © 2006–2009, Texas Instruments Incorporated
21
Product Folder Link(s): ADS8556 ADS8557 ADS8558



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com