Electronic Components Datasheet Search
  English  ▼

X  

TMP302B Datasheet(PDF) 4 Page - Texas Instruments

Part # TMP302B
Description  Easy-to-Use Low-Power Low-Supply TEMPERATURE SWITCH in MicroPackage
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP302B Datasheet(HTML) 4 Page - Texas Instruments

  TMP302B Datasheet HTML 1Page - Texas Instruments TMP302B Datasheet HTML 2Page - Texas Instruments TMP302B Datasheet HTML 3Page - Texas Instruments TMP302B Datasheet HTML 4Page - Texas Instruments TMP302B Datasheet HTML 5Page - Texas Instruments TMP302B Datasheet HTML 6Page - Texas Instruments TMP302B Datasheet HTML 7Page - Texas Instruments TMP302B Datasheet HTML 8Page - Texas Instruments TMP302B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
2.0
1.5
1.0
0.5
0
0.5
1.0
1.5
2.0
-
-
-
-
40
50
60
70
80
90
100
110
130
Temperature( C)
°
30TypicalUnits
120
16
14
12
10
8
6
4
2
0
-75
-50
-25
0
25
50
75
100
150
Temperature( C)
°
V =3.6V
S
V =3.3V
S
V =1.4V
S
125
120
100
80
60
40
20
0
0
5
10
15
20
25
30
Time(s)
100
90
80
70
60
50
40
30
20
10
0
0
20
40
60
80
100
120
140
160
180
200
Time(s)
400
350
300
250
200
150
100
50
0
-75
-50
-25
0
25
50
75
100
125
150
Temperature( C)
°
V =1.4V
S
I
=2mA
OL
40
35
30
25
20
15
10
5
0
Accuracy(
)
C
°
TMP302A
, TMP302B
TMP302C
, TMP302D
SBOS488A – JUNE 2009 – REVISED SEPTEMBER 2009................................................................................................................................................ www.ti.com
TYPICAL CHARACTERISTICS
At TA = +25°C and VS = 3.3V, unless otherwise noted.
TRIP ACCURACY ERROR vs TEMPERATURE
QUIESCENT CURRENT vs TEMPERATURE
Figure 1.
Figure 2.
TEMPERATURE STEP RESPONSE IN PERFLUORINATED FLUID
AT +100°C vs TIME
THERMAL STEP RESPONSE IN AIR AT +100°C vs TIME
Figure 3.
Figure 4.
TRIP THRESHOLD ACCURACY
OUTPUT LOGIC LEVEL LOW VOL vs TEMPERATURE
Figure 5.
Figure 6.
4
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TMP302A TMP302B TMP302C TMP302D



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com