Electronic Components Datasheet Search
  English  ▼

X  

TMP302B Datasheet(PDF) 3 Page - Texas Instruments

Part # TMP302B
Description  Easy-to-Use Low-Power Low-Supply TEMPERATURE SWITCH in MicroPackage
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP302B Datasheet(HTML) 3 Page - Texas Instruments

  TMP302B Datasheet HTML 1Page - Texas Instruments TMP302B Datasheet HTML 2Page - Texas Instruments TMP302B Datasheet HTML 3Page - Texas Instruments TMP302B Datasheet HTML 4Page - Texas Instruments TMP302B Datasheet HTML 5Page - Texas Instruments TMP302B Datasheet HTML 6Page - Texas Instruments TMP302B Datasheet HTML 7Page - Texas Instruments TMP302B Datasheet HTML 8Page - Texas Instruments TMP302B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TMP302A
, TMP302B
TMP302C
, TMP302D
www.ti.com................................................................................................................................................ SBOS488A – JUNE 2009 – REVISED SEPTEMBER 2009
ELECTRICAL CHARACTERISTICS
At TA = –40°C to +125°C, and VS = +1.4V to +3.6V, unless otherwise noted.
TMP302 (1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEMPERATURE MEASUREMENT
Trip Point Accuracy
TA = +40°C to +125°C
±0.2
±2
°C
vs. Supply
±0.2
±0.5
°C/V
Trip Point Hysteresis
HYSTSET = GND
5
°C
HYSTSET = VS
10
°C
TEMPERATURE TRIP POINT SET
Temperature Trip Point Set
TRIPSET1 = GND, TRIPSET0 = GND
Default
°C
TRIPSET1 = GND, TRIPSET0 = VS
Default + 5
°C
TRIPSET1 = VS, TRIPSET0 = GND
Default + 10
°C
TRIPSET1 = VS, TRIPSET0 = VS
Default + 15
°C
HYSTERESIS SET INPUT
Input Logic Levels:
VIH
0.7 × (VS)
VS
V
VIL
–0.5
0.3 × (VS)
V
Input Current:
IIN
0 < VIN < 3.6V
1
µA
DIGITAL OUTPUT
Output Logic Level:
VOL
VS > 2V, IOL = 3mA
0
0.4
V
VS < 2V, IOL = 3mA
0
0.2 × (VS)
V
POWER SUPPLY
Operating Supply Range
1.4
3.6
V
Quiescent Current
IQ
8
15
µA
VS = 3.3V, TA = +50°C
7
µA
TEMPERATURE RANGE
Specified Range
–40
+125
°C
Operating Range
–55
+130
°C
Thermal Resistance
θJA
SOT563
JEDEC Low-K Board
+260
°C/W
(1)
100% of all units are production tested at TA = +25°C. Over temperature specifications are specified by design.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TMP302A TMP302B TMP302C TMP302D



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com