Electronic Components Datasheet Search
  English  ▼

X  

TRF2443IPFP Datasheet(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
Part # TRF2443IPFP
Description  Integrated IF Transceiver for Broadband Wireless Applications
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF2443IPFP Datasheet(HTML) 63 Page - Texas Instruments

Back Button TRF2443IPFP Datasheet HTML 59Page - Texas Instruments TRF2443IPFP Datasheet HTML 60Page - Texas Instruments TRF2443IPFP Datasheet HTML 61Page - Texas Instruments TRF2443IPFP Datasheet HTML 62Page - Texas Instruments TRF2443IPFP Datasheet HTML 63Page - Texas Instruments TRF2443IPFP Datasheet HTML 64Page - Texas Instruments TRF2443IPFP Datasheet HTML 65Page - Texas Instruments TRF2443IPFP Datasheet HTML 66Page - Texas Instruments TRF2443IPFP Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 72 page
background image
Baseband-Filter Cutoff-Frequency Calibration
LPF BW Adj (dec)
0
2
4
6
8
10
12
14
16
0
10
20
30
40
50
60
70
80
90 100 110 120
G070
RXBB I
RXBB Q
LPF BW Adj (dec)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
10
20
30
40
50
60
70
80
90 100 110 120
G071
RXBB I
RXBB Q
TRF2443
www.ti.com ................................................................................................................................... SLWS217A – SEPTEMBER 2009 – REVISED SEPTEMBER 2009
The TRF2443 internal feedback path can be used to set up an automatic calibration of the RX baseband-filter
cutoff frequency. The procedure to calibrate the corner frequency to 3 MHz is described as follows.
1. Enable loopback switch with minimum insertion loss.
a.
EN_LB_ATT = 0 (SPI-3, register 1, B<19>)
b.
EN_LB = 1 (SPI-3, register 1, B<18>)
2. Program RXLO to 165 MHz (RXLO to 2640 MHz and RX divider to 16).
a.
RXRDIV<13,0> = <00 0000 0000 0001> (SPI-2, register 1, B<18,5>) [R = 1]
b.
RX_NINT<15,0> = <0000 0000 1000 0100> (SPI-2, register 2, B<20,5>) [N = 132]
c.
RXDIV_SEL = 0 (SPI-2, register 2, B<26>) [LO divider set to 16]
3. Set TXVCO divider to 16.
a.
TXDIV_SEL = 0 (SPI-1, register 2, B<26>) [LO divider set to 16]
4. Set the TXPLL PFD frequency to 4 MHz (R divider = 5).
a.
TXRDIV<13,0> = <00 0000 0000 0101> (SPI-1, register 1, B<18,5>) [R = 5]
5. Apply a dc offset at the TRF2443 TX baseband inputs (to increase the TXLO leakage at the modulator
output).
6. Set the RX baseband amplifier gain to 22 dB.
a.
RXBB_GAIN<4,0> = <01101> (SPI-3, register 2, B<15,11>)
7. Set the RX baseband cutoff-frequency bit controls RXBB_FREQ<6,0> = 011 1000 (typical value for fC = 3
MHz)
8. Program the TXLO frequency to 166 MHz (TXVCO = 2656 MHz).
a.
TX_NINT<15,0> = <0000 0001 0100 1100> (SPI-1, register 2, B<20,5>) [N = 332]
9. Measure the RX baseband output-power level (at I or Q output): Pout1.
10. Program the TXLO frequency to 168 MHz (TXVCO = 2688 MHz).
a.
TX_NINT<15,0> = <0000 0001 0101 0000> (SPI-1, register 2, B<20,5>) [N = 336]
11. Measure the RX baseband output power level (Pout2) and calculate attenuation: Att = Pout1 – Pout2.
12. If Att < 3 dB, then increase RXBB_FREQ and go back to 11); else if Att > 3 dB, then reduce RXBB_FREQ
and go back to 11). This is repeated until two sequential iterations result in the calculated attenuation being
above and below 3 dB. When this is observed, save the RXBB_FREQ value which results in an attenuation
value closer to 3 dB.
The TRF2443 baseband low-pass filter cutoff frequency can be programmed to any of 128 cutoff frequencies.
The cutoff frequency control consists of 7 bits, RXBB_FREQ<6,0>, which are located in SPI-3, register 2,
B<22,16>. RXBB_FREQ<6,0> = <111 1111> corresponds to the minimum corner frequency. Figure 108 shows
the 3-dB bandwidth of the filter versus all possible SPI codes for a typical unit. Figure 109 shows the inverse of
the 3-dB bandwidth versus all possible SPI codes for a typical unit.
Figure 108. BW vs SPI Code (RXBB_FREQ<6,0>
Figure 109. 1/BW vs SPI Code (RXBB_FREQ<6,0>
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
63
Product Folder Link(s): TRF2443



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com