Electronic Components Datasheet Search
  English  ▼

X  

TRF2443IPFP Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TRF2443IPFP
Description  Integrated IF Transceiver for Broadband Wireless Applications
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF2443IPFP Datasheet(HTML) 19 Page - Texas Instruments

Back Button TRF2443IPFP Datasheet HTML 15Page - Texas Instruments TRF2443IPFP Datasheet HTML 16Page - Texas Instruments TRF2443IPFP Datasheet HTML 17Page - Texas Instruments TRF2443IPFP Datasheet HTML 18Page - Texas Instruments TRF2443IPFP Datasheet HTML 19Page - Texas Instruments TRF2443IPFP Datasheet HTML 20Page - Texas Instruments TRF2443IPFP Datasheet HTML 21Page - Texas Instruments TRF2443IPFP Datasheet HTML 22Page - Texas Instruments TRF2443IPFP Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 72 page
background image
RECEIVER TYPICAL CHARACTERISTICS
0
10
20
30
40
50
60
70
80
90
0
200
400
600
800
1000 1200 1400 1600 1800
TJ = 0°C
TJ = 65°C
TJ = 125°C
RX AGC Voltage (mV)
G074
0
10
20
30
40
50
60
70
80
90
0
200
400
600
800
1000 1200 1400 1600 1800
VCC = 3.1V
VCC = 3.3V
VCC = 3.5V
RX AGC Voltage (mV)
G075
−80
−70
−60
−50
−40
−30
−20
−10
0
10
20
0
10
20
30
40
50
60
70
80
90
TJ = 0°C
TJ = 65°C
TJ = 125°C
RX Gain (dB)
G076
−80
−70
−60
−50
−40
−30
−20
−10
0
10
20
0
10
20
30
40
50
60
70
80
90
VCC = 3.1V
VCC = 3.3V
VCC = 3.5V
RX Gain (dB)
G077
0
5
10
15
20
25
30
35
40
45
50
0
10
20
30
40
50
60
70
80
90
TJ = 0°C
TJ = 65°C
TJ = 125°C
RX Gain (dB)
G078
0
5
10
15
20
25
30
35
40
45
50
0
10
20
30
40
50
60
70
80
90
VCC = 3.1V
VCC = 3.3V
VCC = 3.5V
RX Gain (dB)
G079
TRF2443
www.ti.com ................................................................................................................................... SLWS217A – SEPTEMBER 2009 – REVISED SEPTEMBER 2009
fin= 280 MHz, SAW_EN = 0, LNA_ATT = 0, baseband gain setting = 0, 3-dB pad enabled (TJ = 65°C, VCC = 3.3 V, unless
otherwise noted)
RXBBI GAIN
RXBBI GAIN
vs
vs
RX AGC VOLTAGE
RX AGC VOLTAGE
Figure 36.
Figure 37.
RXBBI INPUT IP3
RXBBI INPUT IP3
vs
vs
RX GAIN
RX GAIN
Figure 38.
Figure 39.
RXBBI NOISE FIGURE
RXBBI NOISE FIGURE
vs
vs
RX GAIN
RX GAIN
Figure 40.
Figure 41.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): TRF2443



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com