Electronic Components Datasheet Search
  English  ▼

X  

CAP1005 Datasheet(PDF) 32 Page - SMSC Corporation

Part # CAP1005
Description  5 and 6 Channel Capacitive Touch Sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1005 Datasheet(HTML) 32 Page - SMSC Corporation

Back Button CAP1005 Datasheet HTML 28Page - SMSC Corporation CAP1005 Datasheet HTML 29Page - SMSC Corporation CAP1005 Datasheet HTML 30Page - SMSC Corporation CAP1005 Datasheet HTML 31Page - SMSC Corporation CAP1005 Datasheet HTML 32Page - SMSC Corporation CAP1005 Datasheet HTML 33Page - SMSC Corporation CAP1005 Datasheet HTML 34Page - SMSC Corporation CAP1005 Datasheet HTML 35Page - SMSC Corporation CAP1005 Datasheet HTML 36Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 53 page
background image
5 and 6 Channel Capacitive Touch Sensor
Datasheet
Revision 1.1 (08-05-09)
32
SMSC CAP1005 / CAP1006
DATASHEET
settings, the MSB of the Delta Count register corresponds to a delta count of 8192 counts
out of ~25,000 which corresponds to a touch of approximately 33% of the base capacitance
(or a
ΔC of 3.33pF from a 10pF base capacitance).
Bits 3 - 0 - BASE_SHIFT[3:0] - Controls the scaling and data presentation of the Base Count registers.
The higher the value of these bits, the larger the range and the lower the resolution of the data
presented. The scale factor represents the multiplier to the bit-weighting presented in these register
descriptions.
APPLICATION NOTE: The BASE_SHIFT[3:0] bits normally do not need to be updated. These settings will not affect
touch detection or sensitivity. These bits are sometimes helpful in analyzing the Cap Sensing
board performance and stability.
Table 5.7 DELTA_SENSE Bit Decode
DELTA_SENSE[2:0]
SENSITIVITY MULTIPLIER
210
0
0
0
128x (most sensitive)
001
64x
0
1
0
32x (default)
011
16x
100
8x
101
4x
110
2x
1
1
1
1x - (least sensitive)
Table 5.8 BASE_SHIFT Bit Decode
BASE_SHIFT[3:0]
DATA SCALING
FACTOR
32
1
0
00
0
0
1x
00
0
1
2x
00
1
0
4x
00
1
1
8x
01
0
0
16x
01
0
1
32x
01
1
0
64x
0
1
1
1
128x
1
0
0
0
256x
All others
256x
(default = 1111b)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com