Electronic Components Datasheet Search
  English  ▼

X  

CAP1005 Datasheet(PDF) 44 Page - SMSC Corporation

Part # CAP1005
Description  5 and 6 Channel Capacitive Touch Sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1005 Datasheet(HTML) 44 Page - SMSC Corporation

Back Button CAP1005 Datasheet HTML 40Page - SMSC Corporation CAP1005 Datasheet HTML 41Page - SMSC Corporation CAP1005 Datasheet HTML 42Page - SMSC Corporation CAP1005 Datasheet HTML 43Page - SMSC Corporation CAP1005 Datasheet HTML 44Page - SMSC Corporation CAP1005 Datasheet HTML 45Page - SMSC Corporation CAP1005 Datasheet HTML 46Page - SMSC Corporation CAP1005 Datasheet HTML 47Page - SMSC Corporation CAP1005 Datasheet HTML 48Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 53 page
background image
5 and 6 Channel Capacitive Touch Sensor
Datasheet
Revision 1.1 (08-05-09)
44
SMSC CAP1005 / CAP1006
DATASHEET
Bit 2 - STBY SAMP_TIME - Determines the time to take a single sample when the device is in Standby.
‘0’ - The sampling time is ~2.56ms.
‘1’ (default) - The sampling time is ~1.28ms.
Bits 1 - 0 - STBY_CY_TIME[2:0] - Determines the overall cycle time for all measured channels during
normal operation as shown in Table 5.17. All measured channels are sampled at the beginning of the
cycle time. If additional time is remaining, then the device is placed into a lower power state for the
remaining duration of the cycle.
APPLICATION NOTE: The programmed cycle time is only maintained if the total averaging time for all samples is
less than the programmed cycle. The STBY_AVG[2:0] bits will take priority so that if more
samples are required than would normally be allowed during the cycle time, the cycle time
will be extended as necessary to accommodate the number of samples to be measured.
Table 5.31 STBY_AVG Bit Decode
STBY_AVG[2:0]
NUMBER OF SAMPLES TAKEN
PER MEASUREMENT
21
0
00
0
1
00
1
2
01
0
4
0
1
1
8 (default)
10
0
16
10
1
32
11
0
64
1
1
1
128
Table 5.32 STBY_CY_TIME Bit Decode
STBY_CY_TIME[1:0]
OVERALL CYCLE TIME
10
00
35ms
0
1
70ms (default)
1
0
105ms
1
1
140ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com